Electronic Components Datasheet Search
  English  ▼

X  

CYRF6986 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYRF6986
Description  WirelessUSB??LPstar 2.4 GHz Radio SoC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF6986 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYRF6986 Datasheet HTML 15Page - Cypress Semiconductor CYRF6986 Datasheet HTML 16Page - Cypress Semiconductor CYRF6986 Datasheet HTML 17Page - Cypress Semiconductor CYRF6986 Datasheet HTML 18Page - Cypress Semiconductor CYRF6986 Datasheet HTML 19Page - Cypress Semiconductor CYRF6986 Datasheet HTML 20Page - Cypress Semiconductor CYRF6986 Datasheet HTML 21Page - Cypress Semiconductor CYRF6986 Datasheet HTML 22Page - Cypress Semiconductor CYRF6986 Datasheet HTML 23Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
CYRF6986
Document Number: 001-66073 Rev. *F
Page 21 of 23
Acronyms
Document Conventions
Units of Measure
Table 7. Acronyms Used in this Document
Acronym
Description
ACK
Acknowledge (packet received, no errors)
BER
Bit Error Rate
BOM
Bill Of Materials
CMOS
Complementary Metal Oxide Semiconductor
CRC
Cyclic Redundancy Check
FEC
Forward Error Correction
FER
Frame Error Rate
GFSK
Gaussian Frequency-Shift Keying
HBM
Human Body Model
ISM
Industrial, Scientific, and Medical
IRQ
Interrupt Request
MCU
Microcontroller Unit
NRZ
Non Return to Zero
PLL
Phase Locked Loop
QFN
Quad Flat No-leads
RSSI
Received Signal Strength Indication
RF
Radio Frequency
Rx
Receive
Tx
Transmit
Table 8. Units of Measure
Symbol
Unit of Measure
°C
degree Celsius
dB
decibel
dBc
decibel relative to carrier
dBm
decibel-milliwatt
Hz
hertz
KB
1024 bytes
Kbit
1024 bits
kHz
kilohertz
k
kilohm
MHz
megahertz
M
megaohm
A
microampere
s
microsecond
V
microvolt
Vrms
microvolts root-mean-square
W
microwatt
mA
milliampere
ms
millisecond
mV
millivolt
nA
nanoampere
ns
nanosecond
nV
nanovolt
ohm
pp
peak-to-peak
ppm
parts per million
ps
picosecond
sps
samples per second
V
volt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com