Electronic Components Datasheet Search
  English  ▼

X  

7280 Datasheet(PDF) 2 Page - TT Electronics.

Part # 7280
Description  Precision Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

7280 Datasheet(HTML) 2 Page - TT Electronics.

  7280 Datasheet HTML 1Page - TT Electronics. 7280 Datasheet HTML 2Page - TT Electronics. 7280 Datasheet HTML 3Page - TT Electronics. 7280 Datasheet HTML 4Page - TT Electronics. 7280 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Precision Potentiometer
Issue B
09/2015
Page 2
BI Technologies
4200 Bonita Place, Fullerton, CA 92835 |Ph: +1 714 447 2300
www.bitechnologies.com | www.ttelectronics.com
Mechanical
Total mechanical travel
3600° +15° -0°
Number of gangs
2 maximum
Weight (single gang)
0.75 oz. nominal
Backlash
1° maximum
Environmental
Operating temperature range
-40°C to +125°C dynamic, -55°C to +125°C static
Temperature cycling
5 cycles, -55°C to +125°C, maximum 5% ∆R
Shock
6 ms saw-tooth, 100 G’s, 0.1 ms maximum discontinuity
Vibration
15 G’s, 10 to 2,000 Hz, maximum 5% ∆R, 0.1 ms maximum discontinuity
Moisture resistance
Five 24 hour cycles, maximum 3% ∆R
High temperature exposure
1,000 hours at 125°C, maximum 5% ∆R
Rotational load life (1 lb side load for 7288)
1M shaft revolutions + 900 hours at 2.0 Watts & 70°C, maximum 5% ∆R
Ingress protection rating (IP Code)
IP50, IP66 available as option (feature code ES)
7281, 7284, 7286, 7288
7283
Static stop strength
36 oz.-in.
Maximum 48 oz.-in.
Panel nut tightening torque
n/a
Maximum 25 lb.-in.
Shaft end play
0.005”
Maximum 0.010”
Shaft runout
0.002”
Maximum T.I.R. 0.003”
Pilot diameter runout
Maximum T.I.R. 0.004”
0.002”
Lateral runout
Maximum T.I.R. 0.005”
0.004”
Shaft radial play
Maximum 0.003”
0.002”
Start/run torque (per gang, ES option adds 0.5 oz.-in.)
Maximum 0.8 oz.-in.
0.6 oz.-in.
Ordering Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com