Electronic Components Datasheet Search
  English  ▼

X  

7280 Datasheet(PDF) 3 Page - TT Electronics.

Part # 7280
Description  Precision Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

7280 Datasheet(HTML) 3 Page - TT Electronics.

  7280 Datasheet HTML 1Page - TT Electronics. 7280 Datasheet HTML 2Page - TT Electronics. 7280 Datasheet HTML 3Page - TT Electronics. 7280 Datasheet HTML 4Page - TT Electronics. 7280 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Precision Potentiometer
Issue B
09/2015
Page 3
BI Technologies
4200 Bonita Place, Fullerton, CA 92835 |Ph: +1 714 447 2300
www.bitechnologies.com | www.ttelectronics.com
Feature Codes
7281, 7283 plain shaft; 7284, 7286, 7288 slotted shaft
No code
Center tap
CT
Linearity tape
LT
Flatted shaft
FS
Slotted shaft (standard on single cup 7284, 7286 & 7288 without RS feature)
SS
Rear shaft extension (7281, 7286, 7288 single cup only)
RS
Shaft lock (7286 & 7288 only)
SL
High torque 2-6 oz.-in. (7286 & 7288 only)
HT
Additional gang
2G
Gold plated solder lug terminals (see optional terminal configuration)
FT
Seal (IP66) 7284, 7286, or 7288 only
ES
When multiple feature codes are used the P/N shall be in the same sequence as listed in this table (top to bottom).
Standard Resistance Values
Total Resistance
(Ohms)
Theoretical Resolution
(% nominal)
Tempco of Wire
(ppm/°C)
100
0.059
±20
200
0.037
±20
500
0.030
±20
1K
0.024
±20
2K
0.020
±20
5K
0.018
±20
10K
0.017
±20
20K
0.016
±20
50K
0.010
±20
100K
0.008
±20
Circuit Diagram
Feature Codes
7281: RBJ, 2601, 2641
7286, 7288: RB, 2126, 2606, 2606S, 2607, 2607S, 2626, 2627, 2646, 2646S, 2647, 2647S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com