Electronic Components Datasheet Search
  English  ▼

X  

PEWGS6018 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWGS6018
Description  WR-90 Waveguide Electromechanical Relay SPDT Latching Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWGS6018 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWGS6018 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWGS6018 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWGS6018 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWGS6018 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWGS6018 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEWGS6018 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
8.2
8.7
9.3
9.8
10.3
10.8
11.4
11.9
12.4
dB
GHz
Isolation
WR-90 Waveguide Electromechanical Relay SPDT Latching Switch, X Band 12.4 GHz Max. Freq., 5,000 Watts, UG-39/U
Square Cover, 12V from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 Waveguide Electromechanical Relay SPDT Latching Switch, X Band 12.4 GHz Max.
Freq., 5,000 Watts, UG-39/U Square Cover, 12V PEWGS6018
URL:
https://www.pasternack.com/wr-90-waveguide-electromechanical-relay-spdt-latching-switch-12.4-ghz-pewgs6018-p.
aspx
PEWGS6018 REV 1.1
WR-90 Waveguide Electromechanical Relay SPDT
Latching Switch, X Band 12.4 GHz Max. Freq.,
5,000 Watts, UG-39/U Square Cover, 12V
Waveguide Electromechanical Relay Switches Technical
PEWGS6018



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com