Electronic Components Datasheet Search
  English  ▼

X  

PEWGS6018 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWGS6018
Description  WR-90 Waveguide Electromechanical Relay SPDT Latching Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWGS6018 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWGS6018 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWGS6018 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWGS6018 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWGS6018 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWGS6018 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEWGS6018 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• 8.2 to 12.4 GHz SPDT Wavguide Switch
•
Optional DPDT Configuration
• WR-90 Waveguide with O-Rings
•
Insertion Loss: 0.05 dB typ
•
Isolation: 105 dB typ
• +12 Vdc Nominal Voltage
•
Input Power Rating up to 5 kW CW max
•
Latching Self Cut Off Actuator
•
Position Indicator and Manual Override Access
•
Fully Weatherized Package
•
Quick Connect Circular DC Connector with Mate
•
-40°C to +85°C Operating Temperature
Applications
•
Electronic Warfare
•
Electronic Countermeasures
•
Microwave Radio
•
VSAT
•
Radar
•
Space Systems
•
Test Instrumentation
•
Research and Devlopment
.
Description
The PEWGS6018 electromechnical WR-90 waveguide switch operates across a wide frequency range from
8.2 GHz to 12.4 GHz and is configured for single pole double throw (SPDT) operation. A shorting plate on port
3 can be removed for optional double pole double throw (DPDT) operation. This innovative design features
a latching Self Cut Off actuator and patented motor drive with arc suppression. The motor drive housing
supports a viewable position indicator window and a cover that can be removed for manual overide access.
Impressive performance includes 0.05 dB typ insertion loss, 105 dB typ Isolation, 1.06:1 typ VSWR, and an operating life of
250K cycles minimum. The design operates across a temperature range of -40°C to +85°C, requires +12Vdc nominal bias
voltage, and has an input power rating of up to 5 KW CW maximum. The waveguide ports have Grooved UG-39/U Square
Cover Flanges (O-Rings included) for pressurized operation. The rugged package design is fully weatherized for up to 100%
humitidy exposure and supports a quick connect circular 6 pin MIL-SPEC DC bias connector with mate included.
Electrical Specifications
Switch Type
SPDT
Actuator Type
Latching
Switching Sequence
Break Before Make
Actuator Options
Self Cut Off, Window Indicator, Manual Override
Polarity
Negative Common
Description
Minimum
Typical
Maximum
Units
Frequency Range
8.2
12.4
GHz
Impedance
50
Ohms
Operating Voltage
10
12
20
Volts
Actuating Current @ 12 Volts
471
786
mA
VSWR
1.06:1
1.1:1
Insertion Loss
0.05
0.07
dB
Isolation
80
105
dB
Switching Time
60
80
ms
Input Power (CW)
5
KWatts
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 Waveguide Electromechanical Relay SPDT Latching Switch, X Band 12.4 GHz Max.
Freq., 5,000 Watts, UG-39/U Square Cover, 12V PEWGS6018
PEWGS6018 REV 1.1
WR-90 Waveguide Electromechanical Relay SPDT
Latching Switch, X Band 12.4 GHz Max. Freq.,
5,000 Watts, UG-39/U Square Cover, 12V
Waveguide Electromechanical Relay Switches Technical
PEWGS6018


Similar Part No. - PEWGS6018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWGS6010 PASTERNACK-PEWGS6010 Datasheet
557Kb / 8P
WR-62 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6011 PASTERNACK-PEWGS6011 Datasheet
559Kb / 8P
WR-62 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6012 PASTERNACK-PEWGS6012 Datasheet
557Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6013 PASTERNACK-PEWGS6013 Datasheet
559Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6014 PASTERNACK-PEWGS6014 Datasheet
557Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
More results

Similar Description - PEWGS6018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWGS6001 PASTERNACK-PEWGS6001 Datasheet
558Kb / 8P
WR-28 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6010 PASTERNACK-PEWGS6010 Datasheet
557Kb / 8P
WR-62 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6013 PASTERNACK-PEWGS6013 Datasheet
559Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6014 PASTERNACK-PEWGS6014 Datasheet
557Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6015 PASTERNACK-PEWGS6015 Datasheet
558Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6016 PASTERNACK-PEWGS6016 Datasheet
527Kb / 6P
WR-90 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6017 PASTERNACK-PEWGS6017 Datasheet
531Kb / 6P
WR-90 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6019 PASTERNACK-PEWGS6019 Datasheet
530Kb / 6P
WR-90 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6021 PASTERNACK-PEWGS6021 Datasheet
531Kb / 6P
WR-112 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6026 PASTERNACK-PEWGS6026 Datasheet
554Kb / 8P
WR-137 Waveguide Electromechanical Relay SPDT Latching Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com