Electronic Components Datasheet Search
  English  ▼

X  

SMBJ4728 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMBJ4728
Description  SILICON 2.0 Watt ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBJ4728 Datasheet(HTML) 1 Page - Microsemi Corporation

  SMBJ4728 Datasheet HTML 1Page - Microsemi Corporation SMBJ4728 Datasheet HTML 2Page - Microsemi Corporation SMBJ4728 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON 2.0 Watt ZENER DIODES
SCOTTSD A L E DIVISION
SMBG4728 thru SMBG4764A
SMBJ4728 thru SMBJ4764A
DESCRIPTION
APPEARANCE
The SMBJ4728A-4764A and SMBG4728A-4764A series of surface mount
2.0 watt Zeners provides voltage regulation in a selection from 3.3 to 100
volts with different tolerances as identified by suffix letter on the part
number. This surface mount product series with lower thermal resistance
features is equivalent to the JEDEC registered 1N4728 thru 1N4764A
with identical electrical characteristics except it is rated at 2.0 W instead
of 1.0 W. It is available in J-bend design (SMBJ) with the DO-214AA
package for greater PC board mounting density or in Gull-wing design
(SMBG) in the DO-215AA for visible solder connections. Microsemi also
offers numerous other Zener products to meet higher and lower power
applications.
NOTE: All SMB series are equivalent
to prior SMS package identifications.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
•
Surface mount equivalent to 1N4728 to 1N4764A
•
Ideal for high-density and low-profile mounting
•
Zener voltage available 3.3V to 200V
•
Standard voltage tolerances are plus/minus 5% with
A suffix and 10 % with no suffix identification
•
Tight tolerances available in plus or minus 2% or
1% with C or D suffix respectively
•
Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers.
•
Regulates voltage over a broad operating current
and temperature range
•
Wide selection from 3.3 to 100 V
•
Popular DO-214AA or DO-215AA packages and
footprints for either high density J-bend or Gull-wing
designs for visible solder joints
•
Nonsensitive to ESD per MIL-STD-750 Method
1020
•
Moisture classification: Level 1 per IPC/JEDEC J-
STD-020B with no dry pack required
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
•
Power dissipation at 25
ºC: 2.0 watts (also see
derating in Figure 1).
•
Operating and Storage temperature: -65
ºC to
+150
ºC
•
Thermal Resistance: 35
ºC/W junction to lead, or
100
ºC/W junction to ambient when mounted on FR4
PC board (1oz Cu) with recommended footprint
(see last page)
•
Steady-State Power: 2 watts at TL < 80
oC, or 1.25
watts at TA = 25
ºC when mounted on FR4 PC board
with recommended footprint (also see Figure 1)
•
Forward voltage @200 mA: 1.2 volts (maximum)
•
Solder Temperatures: 260
ºC for 10 s (maximum)
• CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0
• TERMINALS: Gull-wing or C-bend (modified J-
bend) leads, tin-lead plated solderable per MIL-STD-
750, method 2026
• POLARITY: Cathode indicated by band. Diode to
be operated with the banded end positive with
respect to opposite end for Zener regulation
• MARKING: Includes part number without prefix
(e.g. 4728A, 4734C, 4764D, etc.)
• TAPE & REEL option: Standard per EIA-481-1-A
with 12 mm tape, 750 per 7 inch reel or 2500 per 13
inch reel (add “TR” suffix to part number)
• WEIGHT: 0.1 grams
• See package dimensions on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2002
8-21-2003 REV C


Similar Part No. - SMBJ4728

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMBJ4728 ETC2-SMBJ4728 Datasheet
208Kb / 3P
Transient Voltage Suppressor
SMBJ4728A ETC2-SMBJ4728A Datasheet
208Kb / 3P
Transient Voltage Suppressor
More results

Similar Description - SMBJ4728

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
Silicon 10 WATT Zener Diodes
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
SILICON 1.5 WATT ZENER DIODES
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
SILICON 10 WATT ZENER DIODES
logo
Continental Device Indi...
ZY75 CDIL-ZY75 Datasheet
80Kb / 3P
SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
Silicon 1 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
Silicon 10 WATT Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
SILICON 1 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
SILICON 50 WATT ZENER DIODES
logo
Micro Commercial Compon...
ZY51 MCC-ZY51 Datasheet
224Kb / 3P
Silicon 2.0 Watt Zener Diodes
logo
Microsemi Corporation
SMBG5913B MICROSEMI-SMBG5913B Datasheet
471Kb / 5P
SILICON 2.0 Watt ZENER DIODES
Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com