Electronic Components Datasheet Search
  English  ▼

X  

SMBJ4728 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SMBJ4728
Description  SILICON 2.0 Watt ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBJ4728 Datasheet(HTML) 2 Page - Microsemi Corporation

  SMBJ4728 Datasheet HTML 1Page - Microsemi Corporation SMBJ4728 Datasheet HTML 2Page - Microsemi Corporation SMBJ4728 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON 2.0 Watt ZENER DIODES
SCOTTSD A L E DIVISION
SMBG4728 thru SMBG4764A
SMBJ4728 thru SMBJ4764A
ELECTRICAL CHARACTERISTICS*
JEDEC
TYPE NUMBER
(Note 1)
ZENER
VOLTAGE
(Vz)
(Note 4)
TEST
CURRENT
(IZT)
MAXIMUM
DYNAMIC
IMPEDANCE
(ZZT @ IZT)
(Note 2)
MAXIMUM
REVERSE
CURRENT
(IR @ VR)
TEST
VOLTAGE
(VR)
MAXIMUM
REGULATOR
CURRENT
(IZM)
TA = 50
oC
MAXIMUM
KNEE
IMPEDANCE
(ZZK @ IZK)
(Note 2)
TEST
CURRENT
(IZK)
MAXIMUM
(SURGE)
CURRENT
(IS)
(Note 3)
GULL-WING
LEAD
C-BEND
(MOD. “J”)
VOLTS
mA
OHMS
µA
VOLTS
mA
OHMS
mA
mA
SMBG4728A
SMBG4729A
SMBG4730A
SMBG4731A
SMBJ4728A
SMBJ4729A
SMBJ4730A
SMBJ4731A
3.3
3.6
3.9
4.3
76
69
64
58
10
10
9
9
100
100
50
10
1
1
1
1
276
252
234
217
400
400
400
400
1.0
1.0
1.0
1.0
1380
1260
1190
1070
SMBG4732A
SMBG4733A
SMBG4734A
SMBG4735A
SMBJ4732A
SMBJ4733A
SMBJ4734A
SMBJ4735A
4.7
5.1
5.6
6.2
53
49
45
41
8
7
5
2
10
10
10
10
1
1
2
3
193
178
162
146
500
550
600
700
1.0
1.0
1.0
1.0
970
890
810
730
SMBG4736A
SMBG4737A
SMBG4738A
SMBG4739A
SMBJ4736A
SMBJ4737A
SMBJ4738A
SMBJ4739A
6.8
7.5
8.2
9.1
37
34
31
28
3.5
4.0
4.5
5.0
10
10
10
10
4
5
6
7
133
121
110
100
700
700
700
700
1.0
0.5
0.5
0.5
660
605
550
500
SMBG4740A
SMBG4741A
SMBG4742A
SMBG4743A
SMBJ4740A
SMBJ4741A
SMBJ4742A
SMBJ4743A
10
11
12
13
25
23
21
19
7
8
9
10
10
5
5
5
7.6
8.4
9.1
9.9
91
83
76
69
700
700
700
700
0.25
0.25
0.25
0.25
454
414
380
344
SMBG4744A
SMBG4745A
SMBG4746A
SMBG4747A
SMBJ4744A
SMBJ4745A
SMBJ4746A
SMBJ4747A
15
16
18
20
17
15.5
14
12.5
14
16
20
22
5
5
5
5
11.4
12.2
13.7
15.2
61
57
50
45
700
700
750
750
0.25
0.25
0.25
0.25
304
285
250
225
SMBG4748A
SMBG4749A
SMBG4750A
SMBG4751A
SMBJ4748A
SMBJ4749A
SMBJ4750A
SMBJ4751A
22
24
27
30
11.5
10.5
9.5
8.5
23
25
35
40
5
5
5
5
16.7
18.2
20.6
22.8
41
38
34
30
750
750
750
1000
0.25
0.25
0.25
0.25
205
190
170
150
SMBG4752A
SMBG4753A
SMBG4754A
SMBG4755A
SMBJ4752A
SMBJ4753A
SMBJ4754A
SMBJ4755A
33
36
39
43
7.5
7.0
6.5
6.0
45
50
60
70
5
5
5
5
25.1
27.4
29.7
32.7
27
25
23
22
1000
1000
1000
1500
0.25
0.25
0.25
0.25
135
125
115
110
SMBG4756A
SMBG4757A
SMBG4758A
SMBG4759A
SMBJ4756A
SMBJ4757A
SMBJ4758A
SMBJ4759A
47
51
56
62
5.5
5.0
4.5
4.0
80
95
110
125
5
5
5
5
35.8
38.8
42.6
47.1
19
18
16
14
1500
1500
2000
2000
0.25
0.25
0.25
0.25
95
90
80
70
SMBG4760A
SMBG4761A
SMBG4762A
SMBG4763A
SMBJ4760A
SMBJ4761A
SMBJ4762A
SMBJ4763A
68
75
82
91
3.7
3.3
3.0
2.8
150
175
200
250
5
5
5
5
51.7
56.0
62.2
69.2
13
12
11
10
2000
2000
3000
3000
0.25
0.25
0.25
0.25
65
60
55
50
SMBG4764A
SMBJ4764A
100
2.5
350
5
76.0
9
3000
0.25
45
*JEDEC Registered Data
NOTES:
1.
The JEDEC type numbers shown with an A suffix have a 5% tolerance on nominal zener voltage. No suffix signifies a 10% tolerance,
C signifies 2%, and D signifies 1% tolerance. Also add a P suffix for designating plastic construction (or G suffix for glass body).
2.
The Zener impedance is derived from the 60 Hz ac voltage that results when an ac current having an rms value equal to 10% of the dc
Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to ensure a sharp knee on the
breakdown curve and eliminate unstable units. See MicroNote 202 for zener impedance variation with different operating currents.
3.
The reverse surge current is measured at 25
oC ambient using a square wave or equivalent half-sine wave pulse 1/120 second duration
superimposed on IZT.
4.
Zener voltage (VZ) is measured at TL = 25ºC (+8, -2ºC) and 90 seconds after application of dc current.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2002
8-21-2003 REV C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com