Electronic Components Datasheet Search
  English  ▼

X  

PEWSP1011 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWSP1011
Description  WR-137 Waveguide Pressurizing Section 4.25 Inch Length, UG-344/U Round Cover Flange from 5.85 GHz to 8.2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWSP1011 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWSP1011 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWSP1011 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWSP1011 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Power Data
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
5.9
6.1
6.3
6.6
6.8
7.0
7.3
7.5
7.7
8.0
8.2
5.85 GHz
VSWR
WR-137 Waveguide Pressurizing Section 4.25 Inch Length, UG-344/U Round Cover Flange from 5.85 GHz to 8.2 GHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Waveguide Pressurizing Section 4.25 Inch Length, UG-344/U Round Cover Flange
from 5.85 GHz to 8.2 GHz PEWSP1011
URL: https://www.pasternack.com/wr-137-standard-straight-waveguide-section-ug344-round-pewsp1011-p.aspx
PEWSP1011 REV 1.0
PEWSP1011
WR-137 Waveguide Pressurizing Section 4.25 Inch Length,
UG-344/U Round Cover Flange from 5.85 GHz to 8.2 GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com