Electronic Components Datasheet Search
  English  ▼

X  

PEWSP1011 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWSP1011
Description  WR-137 Waveguide Pressurizing Section 4.25 Inch Length, UG-344/U Round Cover Flange from 5.85 GHz to 8.2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWSP1011 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWSP1011 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWSP1011 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWSP1011 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
The PEWSP1011 is a pressurizing section for WR-137 waveguides with UG-344/U Round Cover flang-
es. The pressure section has a pressure gauge to monitor the internal pressure. The pressure gauge will read
up to 15 PSI. It also has a pressure inlet valve which is a Schrader 1/8-27 NPTF with protective metal cap.
The PEWSP1011 is part of a family of pressure inlets with pressure gauges. Used with Pasternack’s gasket kits it allows
for waveguide systems to be pressurized with air or other gasses. These are quality built units with VSWR of 1.08:1 or less.
Features
• Pressurizing Waveguide Section
• 0-15 PSI Pressure Gauge
• 5.85 GHz to 8.2 GHz Frequency Range
• UG-344/U Round Cover Flange
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• High Power
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
5.85
8.2
GHz
VSWR
1.07:1
.
Mechanical Specifications
Waveguide Size
WR-137
Waveguide Design
Standard
Section Length
4.25 in [107.95 mm]
Description
Flange 1
Waveguide
Flange 2
Flange Type
Round Cover
Round Cover
Flange Designation
UG-344/U
WR-137
UG-344/U
Material
Bronze
...
Compliance Certifications (see product page for current document)
Notes:
• Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Waveguide Pressurizing Section 4.25 Inch Length, UG-344/U Round Cover Flange
from 5.85 GHz to 8.2 GHz PEWSP1011
PEWSP1011 REV 1.0
PEWSP1011
WR-137 Waveguide Pressurizing Section 4.25 Inch Length,
UG-344/U Round Cover Flange from 5.85 GHz to 8.2 GHz


Similar Part No. - PEWSP1011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWSP1010 PASTERNACK-PEWSP1010 Datasheet
473Kb / 3P
WR-112 Waveguide Pressurizing Section 4.25 Inch Length, CPR-112G Grooved Flange from 7.05 GHz to 10 GHz
PEWSP1012 PASTERNACK-PEWSP1012 Datasheet
473Kb / 3P
WR-137 Waveguide Pressurizing Section 4.25 Inch Length, CPR-137G Grooved Flange from 5.85 GHz to 8.2 GHz
More results

Similar Description - PEWSP1011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W137SF005-12 PASTERNACK-PE-W137SF005-12 Datasheet
397Kb / 4P
WR-137 Flexible Straight Waveguide Section 12 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137SF005-24 PASTERNACK-PE-W137SF005-24 Datasheet
397Kb / 4P
WR-137 Flexible Straight Waveguide Section 24 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137SF005-36 PASTERNACK-PE-W137SF005-36 Datasheet
398Kb / 4P
WR-137 Flexible Straight Waveguide Section 36 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PEWSP1007 PASTERNACK-PEWSP1007 Datasheet
463Kb / 3P
WR-90 Waveguide Pressurizing Section 4.25 Inch Length, UG-39/U Square Cover Flange from 8.2 GHz to 12.4 GHz
PEWSP1012 PASTERNACK-PEWSP1012 Datasheet
473Kb / 3P
WR-137 Waveguide Pressurizing Section 4.25 Inch Length, CPR-137G Grooved Flange from 5.85 GHz to 8.2 GHz
PEWCP1071 PASTERNACK-PEWCP1071 Datasheet
409Kb / 5P
WR-137 20 dB Waveguide Crossguide Coupler, UG-344/U Round Cover Flange, 5.85 GHz to 8.2 GHz
PEWCP1072 PASTERNACK-PEWCP1072 Datasheet
410Kb / 5P
WR-137 30 dB Waveguide Crossguide Coupler, UG-344/U Round Cover Flange, 5.85 GHz to 8.2 GHz
PEWCP1073 PASTERNACK-PEWCP1073 Datasheet
411Kb / 5P
WR-137 40 dB Waveguide Crossguide Coupler, UG-344/U Round Cover Flange, 5.85 GHz to 8.2 GHz
PEWCP1074 PASTERNACK-PEWCP1074 Datasheet
410Kb / 5P
WR-137 50 dB Waveguide Crossguide Coupler, UG-344/U Round Cover Flange, 5.85 GHz to 8.2 GHz
PEWAD5018 PASTERNACK-PEWAD5018 Datasheet
423Kb / 4P
WR-137 Waveguide Bulkhead Adapter UG-344/U Square Cover Flange, 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com