Electronic Components Datasheet Search
  English  ▼

X  

ST730C12L2 Datasheet(PDF) 6 Page - International Rectifier

Part # ST730C12L2
Description  PHASE CONTROL THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST730C12L2 Datasheet(HTML) 6 Page - International Rectifier

  ST730C12L2 Datasheet HTML 1Page - International Rectifier ST730C12L2 Datasheet HTML 2Page - International Rectifier ST730C12L2 Datasheet HTML 3Page - International Rectifier ST730C12L2 Datasheet HTML 4Page - International Rectifier ST730C12L2 Datasheet HTML 5Page - International Rectifier ST730C12L2 Datasheet HTML 6Page - International Rectifier ST730C12L2 Datasheet HTML 7Page - International Rectifier ST730C12L2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ST730C..L Series
6
www.irf.com
Bulletin I25191 rev. D 04/03
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
1
10
100
Numb er Of Eq ua l Amp litud e Ha lf Cyc le Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
ST730C..L Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
20
30
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800 1000 1200 1400
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Angle
ST730C..L Series
(Double Side Cooled)
R
(DC) = 0.031 K/ W
thJ-hs
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
20
30
40
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
2000
2400
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Period
ST730C..L Series
(Double Side Cooled)
R
(DC) = 0.031 K/ W
thJ-hs
0
500
1000
1500
2000
2500
0
200
400
600
800 1000 1200 1400
180°
120°
90°
60°
30°
RMSLimit
Cond uc tion Angle
Average On-state Current (A)
ST730C..L Series
T = 125°C
J
0
500
1000
1500
2000
2500
3000
3500
0
400
800
1200
1600
2000 2400
DC
180°
120°
90°
60°
30°
RMSLimit
Cond uc tion Period
Average On-state Current (A)
ST730C..L Series
T = 125°C
J
Fig. 5- On-state Power Loss Characteristics
Fig. 6- On-state Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
17000
18000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
ST730C..L Series
Maximum Non Repetitive Surge Current
Of Conduc tion May Not Be Maintained.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com