Electronic Components Datasheet Search
  English  ▼

X  

ST730C12L2 Datasheet(PDF) 7 Page - International Rectifier

Part # ST730C12L2
Description  PHASE CONTROL THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST730C12L2 Datasheet(HTML) 7 Page - International Rectifier

  ST730C12L2 Datasheet HTML 1Page - International Rectifier ST730C12L2 Datasheet HTML 2Page - International Rectifier ST730C12L2 Datasheet HTML 3Page - International Rectifier ST730C12L2 Datasheet HTML 4Page - International Rectifier ST730C12L2 Datasheet HTML 5Page - International Rectifier ST730C12L2 Datasheet HTML 6Page - International Rectifier ST730C12L2 Datasheet HTML 7Page - International Rectifier ST730C12L2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ST730C..L Series
7
www.irf.com
Bulletin I25191 rev. D 04/03
Fig. 9 - On-state Voltage Drop Characteristics
100
1000
10000
0.511.5
2
2.5
33.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST730C..L Series
0.001
0.01
0.1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.073 K/ W
(Single Side Cooled)
R
= 0.031 K/ W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
ST730C..L Series
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(2)
(3)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Rec ommended load line for
<=30% rated di/ dt : 10V, 10ohms
Frequenc y Limited by PG(AV)
rated di/ dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
(1)
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
Rectangular gate pulse
Device: ST730C..L Series
(4)
Fig. 11 - Gate Characteristics
Fig. 10 - Thermal Impedance Z
thJ-hs
Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com