Electronic Components Datasheet Search
  English  ▼

X  

AL8806 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL8806
Description  HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8806 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL8806 Datasheet HTML 4Page - Diodes Incorporated AL8806 Datasheet HTML 5Page - Diodes Incorporated AL8806 Datasheet HTML 6Page - Diodes Incorporated AL8806 Datasheet HTML 7Page - Diodes Incorporated AL8806 Datasheet HTML 8Page - Diodes Incorporated AL8806 Datasheet HTML 9Page - Diodes Incorporated AL8806 Datasheet HTML 10Page - Diodes Incorporated AL8806 Datasheet HTML 11Page - Diodes Incorporated AL8806 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AL8806
Document number: DS35144 Rev. 5 - 2
8 of 15
www.diodes.com
July 2013
© Diodes Incorporated
AL8806
Application Information (cont.)
PWM Dimming
LED current can be adjusted digitally, by applying a low frequency Pulse Width Modulated (PWM) logic signal to the CTRL pin to turn the device on
and off. This will produce an average output current proportional to the duty cycle of the control signal. In particular, a PWM signal with a max
resolution of 10bit can be applied to the CTRL pin to change the output current to a value below the nominal average value set by resistor RSET. To
achieve this resolution the PWM frequency has to be lower than 500Hz, however higher dimming frequencies can be used - at the expense of
dimming dynamic range and accuracy.
Typically, for a PWM frequency of 500Hz the accuracy is better than 1% for PWM ranging from 1% to 100%.
0
100
200
300
400
500
600
700
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
PWMdimming [%]
Figure 2 PWM Dimming at 500Hz
0
10
20
30
40
50
60
70
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
PWMdimming [%]
Figure 3 Low Duty Cycle PWM Dimming at 500Hz
The PWM pin is designed to be driven by both 3.3V and 5V logic levels directly from a logic output with either an open drain output or push-pull
output stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com