Electronic Components Datasheet Search
  English  ▼

X  

AL8806 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL8806
Description  HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8806 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL8806 Datasheet HTML 1Page - Diodes Incorporated AL8806 Datasheet HTML 2Page - Diodes Incorporated AL8806 Datasheet HTML 3Page - Diodes Incorporated AL8806 Datasheet HTML 4Page - Diodes Incorporated AL8806 Datasheet HTML 5Page - Diodes Incorporated AL8806 Datasheet HTML 6Page - Diodes Incorporated AL8806 Datasheet HTML 7Page - Diodes Incorporated AL8806 Datasheet HTML 8Page - Diodes Incorporated AL8806 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AL8806
Document number: DS35144 Rev. 5 - 2
2 of 15
www.diodes.com
July 2013
© Diodes Incorporated
AL8806
Pin Descriptions
Pin
Name
Pin Number
Function
MSOP-8EP
SW
5, 6
Switch Pin. Connect inductor/freewheeling diode here, minimizing track length at this pin to reduce EMI.
GND
2, 3
GND Pin
CTRL
4
Dimming and On/Off Control Input.
 Leave floating for normal operation.
(VCTRL = VREF = 2.5V giving nominal average output current IOUTnom = 0.1/RS)
 Drive to voltage below 0.4V to turn off output current
 Drive with DC voltage (0.5V < VCTRL < 2.5V) to adjust output current from 20% to 100% of IOUTnom
 A PWM signal (low level ≤ 0.4V and high level > 2.6; transition times less than 1us) allows the output current to be
adjusted below the level set by the resistor connected to SET input pin.
SET
1
Set Nominal Output Current Pin. Configure the output current of the device.
VIN
8
Input Supply Pin. Must be locally decoupled to GND with > 2.2µF X7R ceramic capacitor – see applications section for
more information.
EP
EP
Exposed pad:
Connect to GND and thermal mass for enhanced thermal impedance. It should not be used as electrical ground
conduction path.
N/C
7
no connection
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com