Electronic Components Datasheet Search
  English  ▼

X  

179 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 179
Description  12VDC and 12VAC input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

179 Datasheet(HTML) 1 Page - Diodes Incorporated

  179 Datasheet HTML 1Page - Diodes Incorporated 179 Datasheet HTML 2Page - Diodes Incorporated 179 Datasheet HTML 3Page - Diodes Incorporated 179 Datasheet HTML 4Page - Diodes Incorporated 179 Datasheet HTML 5Page - Diodes Incorporated 179 Datasheet HTML 6Page - Diodes Incorporated 179 Datasheet HTML 7Page - Diodes Incorporated 179 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 2 – May 2012
© Diodes Incorporated 2011
www.diodes.com
1 of 8
AL8807EV4 USER GUIDE
Performance
•
12VDC and 12VAC input
•
1.1A LED current
•
Drives 1 to 3 LEDs in series
•
2% current regulation 9V to 30VDC
(with 2 LEDs)
•
Ambient temperature range
-40°C to +105°C
Ordering Information
Order Number
AL8807EV4
Introduction
This
evaluation
circuit
demonstrates
the
AL8807 High Efficiency 30V 1.5A Buck LED
Driver operating in a circuit providing 1.1A
LED current in MR16 form intended to drive 1
to 3 high brightness LEDs in series with a total
load voltage drop up to 10V.
The circuit
includes
a
470µF
reservoir
capacitor
to
prevent flicker for 50Hz or 60Hz AC input
power.
EMC filtering is included to meet
international standards including the radiated
emission
requirements
of
EN55015
and
EN55022 Class B.
The switching frequency is approximately
440kHz
when
driving
2
Osram
Dragon
Diamond LEDs.
The construction uses a double-sided FR4
printed circuit board, 17 x 20 x 0.8 mm with
2oz/sq ft copper (70µm).
Components are
mounted on both sides.


Similar Part No. - 179

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
179 DIODES-179 Datasheet
1Mb / 12P
9V to 30V DC input (with 2 LEDs)
JULY 2011
179 DIODES-179 Datasheet
418Kb / 8P
12VDC and 12VAC input
JUNE 2011
logo
France Joint
179 FRANCEJOINT-179 Datasheet
368Kb / 4P
ROD SEALS
logo
Glenair, Inc.
179-013 GLENAIR-179-013 Datasheet
208Kb / 1P
Stainless Steel Jackscrew Kits
179-013-1H GLENAIR-179-013-1H Datasheet
208Kb / 1P
Stainless Steel Jackscrew Kits
More results

Similar Description - 179

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
36 - 75Vdc Input; 12Vdc Output; 6A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
36-75Vdc Input; 12Vdc Output; 18A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
42 - 53Vdc input; 12Vdc Output; 25A output current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
36-75Vdc Input; 12Vdc Output; 20A Output Current
logo
Lineage Power Corporati...
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
90 - 264Vac input; 12Vdc output; 200W Output Power
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
36-75Vdc Input; 12Vdc, 1.3A, 15W Output
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
48Vdc Input,12Vdc 8.3A Output
logo
Diodes Incorporated
AL8806EV6 DIODES-AL8806EV6 Datasheet
418Kb / 8P
12VDC and 12VAC input
JUNE 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com