Electronic Components Datasheet Search
  English  ▼

X  

179 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 179
Description  12VDC and 12VAC input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

179 Datasheet(HTML) 3 Page - Diodes Incorporated

  179 Datasheet HTML 1Page - Diodes Incorporated 179 Datasheet HTML 2Page - Diodes Incorporated 179 Datasheet HTML 3Page - Diodes Incorporated 179 Datasheet HTML 4Page - Diodes Incorporated 179 Datasheet HTML 5Page - Diodes Incorporated 179 Datasheet HTML 6Page - Diodes Incorporated 179 Datasheet HTML 7Page - Diodes Incorporated 179 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AL8807EV4
Issue 2 – May 2012
© Diodes Incorporated 2012
www.diodes.com
3 of 8
Observe Switching Waveform
5.
The switching waveform can be observed on an oscilloscope.
6.
Set the oscilloscope as follows:
Channel 1 sensitivity:
2V/div (at probe tip)
Time base:
1µs/div
Trigger Source:
CH1
Trigger Mode:
Auto
7.
Connect the ground lead of a 10x probe to the supply negative terminal near P2 of the
AL8807EV4, and touch the probe tip onto the anode of D1 as in Figure 2 below. On the
oscilloscope, press RUN/STOP to capture the waveform. The cursor readout indicates a
switching frequency of 440kHz approximately.
Figure 2:
Figure 3: Oscilloscope Waveform
DMM
2
A
POWER SUPPLY
+
-
P2
P1
K
DMM
1
A
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com