Electronic Components Datasheet Search
  English  ▼

X  

B140 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # B140
Description  The evaluation board does not have reverse polarity protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B140 Datasheet(HTML) 4 Page - Diodes Incorporated

  B140 Datasheet HTML 1Page - Diodes Incorporated B140 Datasheet HTML 2Page - Diodes Incorporated B140 Datasheet HTML 3Page - Diodes Incorporated B140 Datasheet HTML 4Page - Diodes Incorporated B140 Datasheet HTML 5Page - Diodes Incorporated B140 Datasheet HTML 6Page - Diodes Incorporated B140 Datasheet HTML 7Page - Diodes Incorporated B140 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP8800EV2
Issue 3 – August 2009
www.diodes.com
© Diodes Incorporated 2009
4
AP8800 Operation
In normal operation, when voltage is applied at VIN, the AP8800’s internal NDMOS switch is turned
on. Current starts to flow through sense resistor R1, inductor L1, and the LED(s). The current ramps
up linearly. The ramp rate is determined by the input voltage VIN and inductor L1. This rising current
produces a voltage ramp across R1. The internal circuit of the AP8800 senses this voltage and
applies a proportional voltage to the input of the internal comparator. When this voltage reaches an
internally set upper threshold, the NDMOS switch is turned off. The inductor current continues to flow
through R1, L1, LED(s), Schottky diode D1, and back to the supply rail. The current decays, with the
rate of decay determined by the forward voltage drop of the LEDs and the Schottky diode. This
decaying current produces a falling voltage at R1 which is sensed by the AP8800. A voltage
proportional to the sense voltage across R1 is applied at the input of the internal comparator. When
this voltage falls to the internally set lower threshold, the NDMOS switch is turned on again. This
switch-on-and-off cycle continues to provide an average current (set by the sense resistor R1) to the
LEDs. Please refer to the datasheet for the threshold limits, AP8800 internal circuits, electrical
characteristics and parameters.
AP8800EV2 Evaluation Board - BOM
Ref
Value
Package
Part Number
Manufacturer
Notes
U1
AP8800
MSOP-8L
AP8800M8G
DIODES inc
DC-DC
converter
D1
40V, 1A
SMA
B140
DIODES inc
Schottky
diode
R1
0R33
0805
NCST10FR330FTRF Generic
NIC
1%
R2
0R0
0805
Generic
-
-
C1,C4
1uF 50V
1206
NMC1206X7R105K50F
NIC
10%
C2
-
-
Not Fitted
-
-
C3
100nF,
100V
0805
C0805C104K1RAC
NMC0805X7R104K100
Kemet
NIC
10%
L1
100uH
-
MSS6132 100uH
NPIS53D101MTRF
Coilcraft
NIC
100uH
The FR4 PCB design, with adequate copper top and bottom and plated through vias for thermal
coupling, guarantees a good thermal dissipation for the AP8800 device. Other sources of heat are the
Schottky diode, the inductor and the sense resistor, therefore care must be taken in their placement.
Warning: At 28V operation with 300mA output, the board temperature rises by around 50C
from ambient after 30 minutes of operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com