Electronic Components Datasheet Search
  English  ▼

X  

B140 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # B140
Description  The evaluation board does not have reverse polarity protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B140 Datasheet(HTML) 5 Page - Diodes Incorporated

  B140 Datasheet HTML 1Page - Diodes Incorporated B140 Datasheet HTML 2Page - Diodes Incorporated B140 Datasheet HTML 3Page - Diodes Incorporated B140 Datasheet HTML 4Page - Diodes Incorporated B140 Datasheet HTML 5Page - Diodes Incorporated B140 Datasheet HTML 6Page - Diodes Incorporated B140 Datasheet HTML 7Page - Diodes Incorporated B140 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP8800EV2
Issue 3 – August 2009
www.diodes.com
© Diodes Incorporated 2009
5
Figure 3: Component layout and circuit board view
AP8800EV2 Connection Point Definition
Name
Description
VIN
Positive supply voltage.
GND
Supply Ground (0V).
CTRL
Internal voltage ref. pin (1.25V). This pin can be used to achieve dimming and
soft-start, and for switching the output current off.
•
Leave floating for normal operation.
•
See 'Circuit Features' section to achieve dimming, soft-start and for
switching the output current off.
LED A
LED A
connects to the external LED anode
LED K
LED K
connects to the external LED cathode
AP8800EV2 Basic operation at full voltage
1.
Connect external LEDs across test pins ‘LED A’ (anode) and ‘LED K’ (cathode). The number
of external LEDs that can be connected depends on their operating power and forward
voltage drop, but typically 7 x 3.2V LEDs can be connected using a 28V rail. For an external
load other than LEDs, the positive terminal of the load should be connected to the anode and
the negative to the cathode.
2.
Connect VIN and GND.
Warning: The board does not have reverse battery/supply protection.
3.
Set the PSU to the desired input voltage (usually between 8V and 28V)
4.
Turn on the PSU. The external LEDs will illuminate and the current should be approximately
300mA
5.
The switching waveform on the SW pin can be acquired using the test point J1
Warning: Do not stare at the LEDs directly.
C4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com