Electronic Components Datasheet Search
  English  ▼

X  

CYW43362 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYW43362
Description  Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43362 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYW43362 Datasheet HTML 9Page - Cypress Semiconductor CYW43362 Datasheet HTML 10Page - Cypress Semiconductor CYW43362 Datasheet HTML 11Page - Cypress Semiconductor CYW43362 Datasheet HTML 12Page - Cypress Semiconductor CYW43362 Datasheet HTML 13Page - Cypress Semiconductor CYW43362 Datasheet HTML 14Page - Cypress Semiconductor CYW43362 Datasheet HTML 15Page - Cypress Semiconductor CYW43362 Datasheet HTML 16Page - Cypress Semiconductor CYW43362 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Document No. 002-14779 Rev. *H
Page 13 of 51
CYW43362
Figure 7. Signal Connections to SDIO Host (SD 4-Bit Mode)
Figure 8. Signal Connections to SDIO Host (SD 1-Bit Mode)
4.2 External Coexistence Interface
To manage wireless medium sharing for optimal performance, an external coexistence interface is provided that enables signaling
between the CYW43362 and one or two external collocated wireless devices such as Bluetooth and/or WiMax. Note that three of the
External Coexistence Interface pins are multiplexed with GPIOs. By default, the pins are BT_COEX pins. Through software they can
be changed to GPIOs. The fourth BT_COEX signal is also multiplexed with a GPIO, but this one is a GPIO by default and can be
changed via software to be BTCX_FREQ. See Pinout and Signal Descriptions on page 23 for more details.
The signals in Table 6 can be enabled by software.
Table 6. Coexistence Signals
Signal
Description
BTCX_STATUS
Coexistence signal indicating Bluetooth priority status and TX/RX direction.
BTCX_RF_ACTIVE
Coexistence signal indicating that Bluetooth is active.
BTCX_FREQ
Indicates that the coexisting Bluetooth is about to transmit on a restricted channel.
BTCX_TXCONF
Coexistence output giving Bluetooth permission to transmit.
SD Host
CYW43362
CMD
DAT[3:0]
CLK
SD Host
CYW43362
CMD
CLK
DATA
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com