Electronic Components Datasheet Search
  English  ▼

X  

CYW43362 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYW43362
Description  Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43362 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYW43362 Datasheet HTML 19Page - Cypress Semiconductor CYW43362 Datasheet HTML 20Page - Cypress Semiconductor CYW43362 Datasheet HTML 21Page - Cypress Semiconductor CYW43362 Datasheet HTML 22Page - Cypress Semiconductor CYW43362 Datasheet HTML 23Page - Cypress Semiconductor CYW43362 Datasheet HTML 24Page - Cypress Semiconductor CYW43362 Datasheet HTML 25Page - Cypress Semiconductor CYW43362 Datasheet HTML 26Page - Cypress Semiconductor CYW43362 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
Document No. 002-14779 Rev. *H
Page 23 of 51
CYW43362
8.3 Wireless Configuration Utility
The device driver that supports the Cypress IEEE 802.11 family of wireless solutions provides an input/output control (IOCTL) interface for making advanced configuration
settings. The IOCTL interface makes it possible to make settings that are normally not possible when using just the native operating system-specific IEEE 802.11 configura-
tion mechanisms. The utility uses IOCTLs to query or set a number of different driver/chip operating properties.
9. Pinout and Signal Descriptions
9.1 Signal Assignments
Figure 15 shows the 69-Ball WLBGA ball map.
Table 7 on page 24 shows the WLBGA signal descriptions.
Figure 15. 69-Ball WLBGA Ball Map
AB
C
D
E
F
G
H
J
K
L
1
WRF_RFIN
WRF_RFOUT
#N/A
WRF_PA_VDD
RF_SW_CTRL_0
RF_SW_CTRL_1
VDDIO_RF
VOUT_3P3
SR_VDDBAT1
SR_VDDBAT1
SR_VLX
1
2
#N/A
WRF_PA_GND
#N/A
WRF_PA_GND
WRF_PADRV_GND
RF_SW_CTRL_3
RF_SW_CTRL_2
VDD
SR_VDDBAT2
PMU_AVSS
SR_PVSS
2
3
WRF_LNA_VDD1P2
#N/A
#N/A
WRF_PADRV_VDD
VSS
VSS
VSS
VDD
EXT_SMPS_REQ
VOUT_LNLDO1
VDD_LDO
3
4
WRF_LNA_GND
WRF_ANA_VDD1P2
WRF_GPIO_OUT
WRF_ANA_GND
GPIO_0
VSS
VSS
VDDIO
WL_RST_N
EXT_PWM_REQ
VOUT_CLDO
4
5
WRF_VCO_LDO_IN_VDD1P8
#N/A
WRF_VCO_LDO_OUT_VDD1P2
WRF_RES_EXT
GPIO_1 / BTCX_FREQ
SDIO_DATA_2
JTAG_TDO
BTCX_TXCONF/
GPIO_3
EXT_SLEEP_CLK
VDDIO_SD
SDIO_DATA_1
5
6
WRF_VCO_GND
#N/A
WRF_XTAL_GND
OSCOUT
WRF_AFE_GND
XTAL_PU
JTAG_TMS
JTAG_TDI
BTCX_STATUS/
GPIO_4
SDIO_DATA_3
SDIO_DATA_0
6
7
WRF_TCXO_IN
WRF_TCXO_VDD3P3
WRF_XTAL_VDD1P2
OSCIN
#N/A
WRF_AFE_VDD1P2
JTAG_TRST_L
JTAG_TCK
BTCX_RF_ACTIVE/
GPIO_5
SDIO_CMD
SDIO_CLK
7
AB
C
D
E
F
G
H
J
K
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com