Electronic Components Datasheet Search
  English  ▼

X  

BCM43570 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # BCM43570
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2MAC/Baseband/Radio with IntegratedBluetooth 4.1 and EDR
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43570 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button BCM43570 Datasheet HTML 9Page - Cypress Semiconductor BCM43570 Datasheet HTML 10Page - Cypress Semiconductor BCM43570 Datasheet HTML 11Page - Cypress Semiconductor BCM43570 Datasheet HTML 12Page - Cypress Semiconductor BCM43570 Datasheet HTML 13Page - Cypress Semiconductor BCM43570 Datasheet HTML 14Page - Cypress Semiconductor BCM43570 Datasheet HTML 15Page - Cypress Semiconductor BCM43570 Datasheet HTML 16Page - Cypress Semiconductor BCM43570 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
Document Number: 002-15054 Rev. *I
Page 13 of 94
ADVANCE
CYW43570
3. Frequency References
An external crystal is used for generating all radio frequencies and normal operation clocking. As an alternative, an external frequency
reference may be used. In addition, a low-power oscillator (LPO) is provided for lower power mode timing.
3.1 Crystal Interface and Clock Generation
The CYW43570 can use an external crystal to provide a frequency reference. The recommended configuration for the crystal oscillator
including all external components is shown in Figure 4. Consult the reference schematics for the latest configuration.
Figure 4. Recommended Oscillator Configuration
A fractional-N synthesizer in the CYW43570 generates the radio frequencies, clocks, and data/packet timing, enabling it to operate
using a wide selection of frequency references.
The recommended default frequency reference is a 40.0 MHz crystal. The signal characteristics for the crystal interface are listed in
Table 4.
Note: Although the fractional-N synthesizer can support alternative reference frequencies, frequencies other than the default require
support to be added in the driver, plus additional extensive system testing. Contact Cypress for further details.
WRF_XTAL_OUT
WRF_XTAL_IN
C*
C*
X ohms*
*Values determined by crystal 
drive level. See reference 
schematics for details. 
40.0 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com