Electronic Components Datasheet Search
  English  ▼

X  

BCM43570 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # BCM43570
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2MAC/Baseband/Radio with IntegratedBluetooth 4.1 and EDR
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43570 Datasheet(HTML) 2 Page - Cypress Semiconductor

  BCM43570 Datasheet HTML 1Page - Cypress Semiconductor BCM43570 Datasheet HTML 2Page - Cypress Semiconductor BCM43570 Datasheet HTML 3Page - Cypress Semiconductor BCM43570 Datasheet HTML 4Page - Cypress Semiconductor BCM43570 Datasheet HTML 5Page - Cypress Semiconductor BCM43570 Datasheet HTML 6Page - Cypress Semiconductor BCM43570 Datasheet HTML 7Page - Cypress Semiconductor BCM43570 Datasheet HTML 8Page - Cypress Semiconductor BCM43570 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
Document Number: 002-15054 Rev. *I
Page 2 of 94
ADVANCE
CYW43570
Features
IEEE 802.11X Key Features
■ IEEE 802.11ac Draft compliant.
■ Dual-stream spatial multiplexing up to
867 Mbps data rate.
■ Supports 20, 40, and 80 MHz channels with optional SGI (256
QAM modulation).
■ Full IEEE 802.11a/b/g/n legacy compatibility with enhanced
performance.
■ Tx and Rx low-density parity check (LDPC) support for
improved range and power efficiency.
■ Supports IEEE 802.11ac/n beamforming.
■ On-chip power amplifiers and low-noise amplifiers for both
bands.
■ Supports various RF front-end architectures including:
❐ Three antennas design: two separate antennas (Core0 and
Core1 to WLAN) and a separate antenna to Bluetooth.
❐ Optional support: two antennas with WLAN diversity and a
shared Bluetooth antenna.
■ Internal fractional nPLL allows support for a wide range of
reference clock frequencies.
■ Supports PCIe Gen2 interface but up to Gen1 transfer speed.
■ OneDriver™ software architecture for easy migration from
existing embedded WLAN and Bluetooth devices as well as
future devices.
Bluetooth Key Features
■ Complies with Bluetooth Core Specification Version 4.1 + EDR
with provisions for supporting future specifications.
■ Bluetooth Class 1 or Class 2 transmitter operation.
■ Supports extended synchronous connections (eSCO), for
enhanced voice quality by allowing for retransmission of
dropped packets.
■ Adaptive frequency hopping (AFH) for reducing radio
frequency interference.
■ Host controller interface (HCI) using a USB or high-speed
UART interface and PCM for audio data. HCI/UART interface
capable but not currently supported.
■ USB 2.0 full-speed (12 Mbps) supported for Bluetooth.
■ Low-power mode helps power consumption of the media
devices.
■ Supports multiple simultaneous advanced audio distribution
profiles (A2DP) for stereo sound.
■ Automatic frequency detection for standard crystal and TCXO
values.
■ Supports serial flash interfaces.
General Features
■ Supports 3.3V power supplies with internal switching
regulator.
■ Programmable dynamic power management
■ 484 bytes of user-accessible OTP for storing board param-
eters
■ GPIOs supported: 16
■ Package: 254-ball FCBGA
(10 mm × 10 mm, 0.4 mm pitch)
■ Security:
❐ WPA and WPA2 (personal) support for powerful encryption
and authentication
❐ AES and TKIP in hardware for faster data encryption and
IEEE 802.11i compatibility
❐ Reference WLAN subsystem provides Cisco Compatible
Extensions (CCX, CCX 2.0, CCX 3.0, CCX 4.0, CCX 5.0)
❐ Reference WLAN subsystem provides Wi-Fi protected set-
up (WPS)
■ Worldwide regulatory support: Global products supported with
worldwide homologated design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com