Electronic Components Datasheet Search
  English  ▼

X  

MB39A136 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # MB39A136
Description  2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39A136 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button MB39A136 Datasheet HTML 14Page - Cypress Semiconductor MB39A136 Datasheet HTML 15Page - Cypress Semiconductor MB39A136 Datasheet HTML 16Page - Cypress Semiconductor MB39A136 Datasheet HTML 17Page - Cypress Semiconductor MB39A136 Datasheet HTML 18Page - Cypress Semiconductor MB39A136 Datasheet HTML 19Page - Cypress Semiconductor MB39A136 Datasheet HTML 20Page - Cypress Semiconductor MB39A136 Datasheet HTML 21Page - Cypress Semiconductor MB39A136 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
MB39A136
Document Number: 002-08376 Rev. *A
Page 18 of 50
9. Protection Function Table
The following table shows the state of each pin when each protection function operates.
Note: x is the each channel number
Protection Function
Detection
condition
Output of each pin after detection
DC/DC output
dropping operation
VREF
VB
DRVHx
DRVLx
Under Voltage Lock Out
Protection
(UVLO)
VB < 3.6 V
VREF < 2.7 V
< 2.7 V
< 3.6 V
L
L
Self-discharge by load
Under Voltage Protection
(UVP)
FBx < 0.49 V
3.3 V
5 V
L
L
Electrical discharge by soft-stop
function
Over Voltage Protection
(OVP)
FBx > 0.805 V
3.3 V
5 V
L
H
0 V clamping
Over Current Protection
(ILIM)
COMPx > ILIMx
3.3 V
5V
switching
switching
The output voltage is dropping to
keep constant output current.
Over Temperature
Protection
(OTP)
Tj >
160°C
3.3 V
5 V
L
L
Electrical discharge by soft-stop
function
CONTROL
(CTL)
CTLx : H
→L
(CSx > 0.1 V)
3.3 V
5 V
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com