Electronic Components Datasheet Search
  English  ▼

X  

MB39A136 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # MB39A136
Description  2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39A136 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button MB39A136 Datasheet HTML 18Page - Cypress Semiconductor MB39A136 Datasheet HTML 19Page - Cypress Semiconductor MB39A136 Datasheet HTML 20Page - Cypress Semiconductor MB39A136 Datasheet HTML 21Page - Cypress Semiconductor MB39A136 Datasheet HTML 22Page - Cypress Semiconductor MB39A136 Datasheet HTML 23Page - Cypress Semiconductor MB39A136 Datasheet HTML 24Page - Cypress Semiconductor MB39A136 Datasheet HTML 25Page - Cypress Semiconductor MB39A136 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
MB39A136
Document Number: 002-08376 Rev. *A
Page 22 of 50
12. Parts List
(Continued)
Component
Item
Specification
Vendor
Package
Parts Name
Remark
Q1
N-ch FET
VDS
30 V,
ID
8 A,
Ron
21 m
RENESAS
SO-8
PA2755
Dual type
(2 elements)
Q2
N-ch FET
VDS
30 V,
ID
8 A,
Ron
21 m
RENESAS
SO-8
PA2755
Dual type
(2 elements)
D2
Diode
VF
0.35 V
at IF
0.2 A
ON Semi
SOT-323
BAT54AWT1
Dual type
L1
Inductor
1.5
H
(6.2 m
, 8.9 A)
TDK
VLF10040T-1R5N
L2
Inductor
3.3
H
(9.7 m
, 6.9 A)
TDK
VLF10045T-3R3N
C1
Ceramic capacitor
22
F (25 V)
TDK
3225
C3225JC1E226M
C2-1
C2-2
C2-3
Ceramic capacitor
Ceramic capacitor
Ceramic capacitor
22
F (10 V)
22
F (10 V)
22
F (10 V)
TDK
TDK
TDK
3216
3216
3216
C3216JB1A226M
C3216JB1A226M
C3216JB1A226M
3 capacitors in parallel
C3-1
C3-2
Ceramic capacitor
Ceramic capacitor
22
F (25 V)
22
F (25 V)
TDK
TDK
3225
3225
C3225JC1E226M
C3225JC1E226M
2 capacitors in parallel
C4-1
C4-2
C4-3
Ceramic capacitor
Ceramic capacitor
Ceramic capacitor
22
F (10 V)
22
F (10 V)
22
F (10 V)
TDK
TDK
TDK
3216
3216
3216
C3216JB1A226M
C3216JB1A226M
C3216JB1A226M
3 capacitors in parallel
C5
Ceramic capacitor
0.1
F (50 V)
TDK
1608
C1608JB1H104K
C6
Ceramic capacitor
0.1
F (50 V)
TDK
1608
C1608JB1H104K
C7
Ceramic capacitor
0.022
F (50 V)
TDK
1608
C1608JB1H223K
C8
Ceramic capacitor
0.022
F (50 V)
TDK
1608
C1608JB1H223K
C9
Ceramic capacitor
820 pF (50 V)
TDK
1608
C1608CH1H821J
C11
Ceramic capacitor
1000 pF (50 V)
TDK
1608
C1608CH1H102J
C13
Ceramic capacitor
0.01
F (50 V)
TDK
1608
C1608JB1H103K
C14
Ceramic capacitor
2.2
F (16 V)
TDK
1608
C1608JB1C225K
C15
Ceramic capacitor
0.1
F (50 V)
TDK
1608
C1608JB1H104K
R8-1
R8-2
Resistor
1.6 k
9.1 k
SSM
SSM
1608
1608
RR0816P162D
RR0816P912D
2 capacitors in series
R9
Resistor
15 k
SSM
1608
RR0816P153D
R11
Resistor
56 k
SSM
1608
RR0816P563D
R12
Resistor
47 k
SSM
1608
RR0816P473D
R14-1
R14-2
Resistor
1.8 k
39 k
SSM
SSM
1608
1608
RR0816P182D
RR0816P393D
2 capacitors in series
R15
Resistor
11 k
SSM
1608
RR0816P113D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com