Electronic Components Datasheet Search
  English  ▼

X  

ML145152 Datasheet(PDF) 24 Page - LANSDALE Semiconductor Inc.

Part # ML145152
Description  PLL Frequency Synthesizer Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145152 Datasheet(HTML) 24 Page - LANSDALE Semiconductor Inc.

Back Button ML145152 Datasheet HTML 20Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 21Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 22Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 23Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 24Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 25Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 26Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 27Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 28Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
www.lansdale.com
Page 24 of 35
Issue A
ML1451xx
LANSDALE Semiconductor, Inc.
DC ELECTRICAL CHARACTERISTICS (continued)
VDD
– 40 C
25 C
85C
Symbol
Parameter
Test Condition
VDD
V
Min
Max
Min
Max
Min
Max
Unit
IIL
Pull–up Current (all inputs
with pull–ups)
Vin = VSS
9
– 20
– 400
– 20
– 200
– 20
– 170
µA
Cin
Input Capacitance
–
–
10
–
10
–
10
pF
VOL
Low–Level Output
Voltage – OSCout
Iout 0 µA
Vin = VDD
3
5
9
–
–
–
0.9
1.5
2.7
–
–
–
0.9
1.5
2.7
–
–
–
0.9
1.5
2.7
V
VOH
High–Level Output
Voltage – OSCout
Iout 0 µA
Vin = VSS
3
5
9
2.1
3.5
6.3
–
–
–
2.1
3.5
6.3
–
–
–
2.1
3.5
6.3
–
–
–
V
VOL
Low–Level Output
Voltage – Other Outputs
Iout 0 µA
3
5
9
–
–
–
0.05
0.05
0.05
–
–
–
0.05
0.05
0.05
–
–
–
0.05
0.05
0.05
V
VOH
High–Level Output
Voltage – Other Outputs
Iout 0 µA
3
5
9
2.95
4.95
8.95
–
–
–
2.95
4.95
8.95
–
–
–
2.95
4.95
8.95
–
–
–
V
V(BR)DSS Drain–to–Source
Breakdown Voltage –
SW1, SW2
Rpull–up = 4.7 kΩ
–
15
–
15
–
15
–
V
IOL
Low–Level Sinking
Current – MC
Vout = 0.3 V
Vout = 0.4 V
Vout = 0.5 V
3
5
9
1.30
1.90
3.80
–
–
–
1.10
1.70
3.30
–
–
–
0.66
1.08
2.10
–
–
–
mA
IOH
High–Level Sourcing
Current – MC
Vout = 2.7 V
Vout = 4.6 V
Vout = 8.5 V
3
5
9
– 0.60
– 0.90
– 1.50
–
–
–
– 0.50
– 0.75
– 1.25
–
–
–
– 0.30
– 0.50
– 0.80
–
–
–
mA
IOL
Low–Level Sinking
Current – LD
Vout = 0.3 V
Vout = 0.4 V
Vout = 0.5 V
3
5
9
0.25
0.64
1.30
–
–
–
0.20
0.51
1.00
–
–
–
0.15
0.36
0.70
–
–
–
mA
IOH
High–Level Sourcing
Current – LD
Vout = 2.7 V
Vout = 4.6 V
Vout = 8.5 V
3
5
9
– 0.25
– 0.64
– 1.30
–
–
–
– 0.20
– 0.51
– 1.00
–
–
–
– 0.15
– 0.36
– 0.70
–
–
–
mA
IOL
Low–Level Sinking
Current – SW1, SW2
Vout = 0.3 V
Vout = 0.4 V
Vout = 0.5 V
3
5
9
0.80
1.50
3.50
–
–
–
0.48
0.90
2.10
–
–
–
0.24
0.45
1.05
–
–
–
mA
IOL
Low–Level Sinking
Current – Other Outputs
Vout = 0.3 V
Vout = 0.4 V
Vout = 0.5 V
3
5
9
0.44
0.64
1.30
–
–
–
0.35
0.51
1.00
–
–
–
0.22
0.36
0.70
–
–
–
mA
IOH
High–Level Sourcing
Current – Other Outputs
Vout = 2.7 V
Vout = 4.6 V
Vout = 8.5 V
3
5
9
– 0.44
– 0.64
– 1.30
–
–
–
– 0.35
– 0.51
– 1.00
–
–
–
– 0.22
– 0.36
– 0.70
–
–
–
mA
IOZ
Output Leakage Current –
PDout
Vout = VDD or VSS
Output in Off State
9
–
± 0.3
–
± 0.1
–
± 1.0
µA
IOZ
Output Leakage Current –
SW1, SW2
Vout = VDD or VSS
Output in Off State
9
–
± 0.3
–
± 0.1
–
± 3.0
µA
Cout
Output Capacitance –
PDout
PDout – Three–State
–
–
10
–
10
–
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com