Electronic Components Datasheet Search
  English  ▼

X  

ML145152 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML145152
Description  PLL Frequency Synthesizer Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145152 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML145152 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
www.lansdale.com
Page 2 of 35
Issue A
ML145151
Parallel-Input PLL
Frequency Synthesizer
Interfaces with Single–Modulus Prescalers
Legacy Device: Motorola/Freescale MC145151
The ML145151 is programmed by 14 parallel–input data
lines for the N counter and three input lines for the R counter.
The device features consist of a reference oscillator, selec-
table–reference divider, digital–phase detector, and 14–bit
programmable divide–by–N counter.
• Operating Temperature Range: TA = – 40 to 85°C
• Low Power Consumption Through Use of CMOS
Technology
• 3.0 to 9.0 V Supply Range
• On– or Off–Chip Reference Oscillator Operation
• Lock Detect Signal
• ÷ N Counter Output Available
• Single Modulus/Parallel Programming
• 8 User–Selectable ÷ R Values: 8, 128, 256, 512, 1024,
2048, 2410, 8192
• ÷ N Range = 3 to 16383
• “Linearized” Digital Phase Detector Enhances Transfer
Function Linearity
• Two Error Signal Options: Single–Ended (Three–State)
or Double–Ended
• Chip Complexity: 8000 FETs or 2000 Equivalent Gates
P DIP 28 = YP
PLASTIC DIP
CASE 710
SO 28W = -6P
SOG PACKAGE
CASE 751F
1
28
1
28
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 28
MC145151P2
ML145151YP
SO 28W
MC145151DW2
ML145151-6P
LANSDALE
PACKAGE
5
4
3
2
1
10
9
8
7
6
11
12
13
14
20
21
22
23
24
25
26
19
27
28
18
17
16
15
RA2
PDout
VDD
VSS
fin
N0
φR
RA0
N3
N2
N1
RA1
φV
fV
N10
N11
OSCout
OSCin
LD
N5
N6
N7
N4
N9
N12
N13
N8
T/R
PIN ASSIGNMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com