| Electronic Components Datasheet Search |
|
ML145157EP Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
ML145157EP Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc. |
|
1 / 35 page ![]() www.lansdale.com Page 1 of 35 Issue A ML145151 ML145152 ML145155 ML145156 ML145157 ML145158 PLL Frequency Synthesizer Family - CMOS The devices described in this document are typically used as low–power, phase–locked loop frequency synthesizers. When combined with an external low–pass filter and voltage–controlled oscillator, these devices can provide all the remaining functions for a PLL frequency synthesizer operating up to the device's frequency limit. For higher VCO frequency operation, a down mixer or a prescaler can be used between the VCO and the synthesizer IC. These frequency synthesizer chips can be found in the following and other applications: CATV TV Tuning AM/FM Radios Scanning Receivers Two–Way Radios Amateur Radio CONTENTS Page DEVICE DETAIL SHEETS ML145151 Parallel–Input, Single–Modulus ...........................................................................................2 ML145152 Parallel–Input, Dual–Modulus..............................................................................................5 ML145155 Serial–Input, Single–Modulus ..............................................................................................9 ML145156 Serial–Input, Dual–Modulus...............................................................................................13 ML145157 Serial–Input, Single–Modulus ............................................................................................17 ML145158 Serial–Input, Dual–Modulus...............................................................................................20 FAMILY CHARACTERISTICS Maximum Ratings..................................................................................................................................23 DC Electrical Characteristics.................................................................................................................23 AC Electrical Characteristics.................................................................................................................25 Timing Requirements.............................................................................................................................26 Frequency Characteristics ......................................................................................................................27 Phase Detector/Lock Detector Output Waveforms................................................................................27 DESIGN CONSIDERATIONS Phase–Locked Loop – Low–Pass Filter Design ....................................................................................28 Crystal Oscillator Considerations ..........................................................................................................29 Dual–Modulus Prescaling......................................................................................................................30 R ÷ ÷ ÷ ÷ OSC CONTROL LOGIC N A φ P/P + 1 VCO OUTPUT FREQUENCY EXTERNAL COMPONENTS |
Similar Part No. - ML145157EP |
|
Similar Description - ML145157EP |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |