Electronic Components Datasheet Search
  English  ▼

X  

ML145157EP Datasheet(PDF) 10 Page - LANSDALE Semiconductor Inc.

Part # ML145157EP
Description  PLL Frequency Synthesizer Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145157EP Datasheet(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button ML145157EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145157EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145157EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145157EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145157EP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145157EP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145157EP Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145157EP Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145157EP Datasheet HTML 14Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
www.lansdale.com
Page 10 of 35
Issue A
LANSDALE Semiconductor, Inc.
ML145155
14 x 8 ROM REFERENCE DECODER
14–BIT
÷ R COUNTER
φV
φR
14–BIT
÷ R COUNTER
LATCH
PHASE
DETECTOR
B
PHASE
DETECTOR
A
LOCK
DETECT
LD
PDout
fin
VDD
OSCin
OSCout
ENB
14
14
SW2
SW1
fR
fV
LATCH
14–BIT SHIFT REGISTER
DATA
2–BIT SHIFT
REGISTER
CLK
14
REFout
ML145155 BLOCK DIAGRAM
RA2
RA0
RA1
PIN DESCRIPTIONS
INPUT PINS
fin
Frequency Input (PDIP – Pin 9, SOG – Pin 10)
Input to the ÷ N portion of the synthesizer. fin is typically
derived from loop VCO and is AC coupled into the device. For
larger amplitude signals (standard CMOS logic levels) DC
coupling may be used.
RA0, RA1, RA2
Reference Address Inputs (PDIP – Pins 18, 1, 2; SOG –
Pins 20, 1, 2)
These three inputs establish a code defining one of eight
possible divide values for the total reference divider, as defined
by the table below:
CLK, DATA
Shift Register Clock, Serial Data Inputs
(PDIP – Pins 10, 11; SOG – Pins 11, 12)
Each low–to–high transition clocks one bit into the on–chip
16–bit shift register. The Data input provides programming
information for the 14–bit ÷ N counter and the two switch
signals SW1 and SW2. The entry format is as follows:
ENB
Latch Enable Input (PDIP – Pin 12, SOG – Pin 13)
When high (1), ENB transfers the contents of the shift reg-
ister into the latches, and to the programmable counter inputs,
and the switch outputs SW1 and SW2. When low (0), ENB
inhibits the above action and thus allows changes to be made
in the shift register data without affecting the counter program-
ming and switch outputs. An on–chip pull–up establishes a
continuously high level for ENB when no external signal is
applied. ENB is normally low and is pulsed high to transfer
data to the latches.
OSCin, OSCout
Reference Oscillator Input/Output (PDIP – Pins 17, 16;
SOG – Pins 19, 18)
These pins form an on–chip reference oscillator when con-
nected to terminals of an external parallel resonant crystal.
Frequency setting capacitors of appropriate value must be con-
nected from OSCin to ground and OSCout to ground. OSCin
may also serve as the input for an externally–generated refer-
ence signal. This signal is typically ac coupled to OSCin, but
for larger amplitude signals (standard CMOS logic levels) DC
coupling may also be used. In the external reference mode, no
connection is required to OSCout.
Reference Address Code
Total
Divide
RA2
RA1
RA0
Divide
Value
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
16
512
1024
2048
3668
4096
6144
8192
÷ N COUNTER BITS
LAST DATA BIT IN (BIT NO. 16)
FIRST DATA BIT IN (BIT NO. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com