Electronic Components Datasheet Search
  English  ▼

X  

MB39C031 Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # MB39C031
Description  2ch Buck DC/DC Converter 1ch LDO with I2C Interface and SW FET
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C031 Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button MB39C031 Datasheet HTML 45Page - Cypress Semiconductor MB39C031 Datasheet HTML 46Page - Cypress Semiconductor MB39C031 Datasheet HTML 47Page - Cypress Semiconductor MB39C031 Datasheet HTML 48Page - Cypress Semiconductor MB39C031 Datasheet HTML 49Page - Cypress Semiconductor MB39C031 Datasheet HTML 50Page - Cypress Semiconductor MB39C031 Datasheet HTML 51Page - Cypress Semiconductor MB39C031 Datasheet HTML 52Page - Cypress Semiconductor MB39C031 Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
Document Number: 002-08407 Rev. *B
Page 49 of 69
MB39C031
 LDO line regulation characteristics
• LDO
Vo=2.8V (Min)
Vo=3.3V (Max)
Line regulation
(Io=50mA)
Line regulation
(Io=50mA)
2.740
2.760
2.780
2.800
2.820
2.840
2.860
3
3.5
4
4.5
5
5.5
3.240
3.260
3.280
3.300
3.320
3.340
3.360
3
3.5
4
4.5
5
5.5
Input voltage Vin[V]
Input voltage Vin[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com