Electronic Components Datasheet Search
  English  ▼

X  

MB39C031 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB39C031
Description  2ch Buck DC/DC Converter 1ch LDO with I2C Interface and SW FET
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C031 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB39C031 Datasheet HTML 1Page - Cypress Semiconductor MB39C031 Datasheet HTML 2Page - Cypress Semiconductor MB39C031 Datasheet HTML 3Page - Cypress Semiconductor MB39C031 Datasheet HTML 4Page - Cypress Semiconductor MB39C031 Datasheet HTML 5Page - Cypress Semiconductor MB39C031 Datasheet HTML 6Page - Cypress Semiconductor MB39C031 Datasheet HTML 7Page - Cypress Semiconductor MB39C031 Datasheet HTML 8Page - Cypress Semiconductor MB39C031 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
MB39C031
2ch Buck DC/DC Converter + 1ch LDO
with I
2C Interface and SW FET
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose, CA 95134-1709
•
408-943-2600
Document Number: 002-08407 Rev. *B
Revised May 18, 2017
Description
The MB39C031 contains 2ch buck DC/DC converter and 1ch LDO. It is possible to supply the main power supply line in a system
by using only one chip. The current mode system is adopted for the DC/DC converter, and it is possible to use the chip inductor
with the high switching frequency operation which contains internal SW FET. The MB39C031 contains the output setting resistor
and the the phase compensation circuit, and contributes to reduce the number of external components and the mounting area.
Also, it contains the CTL input pin which can control the ON/OFF for each CH, the Power Good signal output pin and the I
2C
communication interface, therefore it is easy to design the power supply sequence.
It is possible to tune in the output voltage exactly using the I
2C communication and possible to correspond to the DVS/ASV system.
Features
 Operating input voltage range:2.5 V to 5.5 V (Maximum rating: 7 V)
 Output voltage setting range, Maximum output current: DD1*:1.0 V to 1.3 V (20 mV/step), 1.4 A (DC)
DD2*:1.2 V to 1.95 V (50 mV/step), 0.6 A (DC)
LDO:2.8 V/2.85 V/3.0 V/3.3 V, 0.25 A (DC)
Note: Each channel has selective preset voltage (Lineup for a total of 32 kinds) .
 Soft-start time setting range: 0.9 ms to 14.3 ms (approximately 0.9 ms/step)
 Switching frequency for the DC/DC block:3 MHz (fixed)
 Communication interface: I
2C (ON/OFF, Output voltage, Soft-start time setting)
 Built-in PFM/PWM auto switching mode
 Built-in function: Output setting resistor, Phase compensation circuit, Discharge resistor, Soft-start
 Each Channel Power Good output function (Open-drain)
 Protection function: Under voltage lockout protection circuit (UVLO), Over current protection circuit (OCP), Thermal shutdown
protection circuit (TSD)
 Error signal output pin installed (Open-drain)
 Small package: QFN28 (4 mm × 4 mm × 0.8 mm, 0.4 mm pitch)
*: DD1,DD2 : DC/DC converter block 1, 2
Applications
Network equipment: Wifi-tuner, Surveillance camera
Data-storage device: HDD, SSD, Picture recording equipment
Image and voice output equipment: MFP, Printer, Scanner, Projector, Electrophone, STB
Various terminals: POS, FA, HEMS
etc.


Similar Part No. - MB39C031

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB39C006A FUJITSU-MB39C006A Datasheet
648Kb / 48P
1 ch DC/DC Converter IC Built-in Switching FET & POWERGOOD function, PFM/PWM Synchronous Rectification, and Down Conversion Support
logo
Cypress Semiconductor
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
fujitsu semiconductor
MB39C006AEVB-06 FUJITSU-MB39C006AEVB-06 Datasheet
648Kb / 48P
1 ch DC/DC Converter IC Built-in Switching FET & POWERGOOD function, PFM/PWM Synchronous Rectification, and Down Conversion Support
MB39C006APN FUJITSU-MB39C006APN Datasheet
648Kb / 48P
1 ch DC/DC Converter IC Built-in Switching FET & POWERGOOD function, PFM/PWM Synchronous Rectification, and Down Conversion Support
logo
Cypress Semiconductor
MB39C006APN CYPRESS-MB39C006APN Datasheet
2Mb / 36P
1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
More results

Similar Description - MB39C031

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THV3011 THINE-THV3011 Datasheet
249Kb / 12P
1ch DC/DC converter
THV3012 THINE-THV3012 Datasheet
205Kb / 12P
1ch DC/DC converter
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
1ch DC/DC boost converter
logo
Rohm
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
1ch Buck Converter Integrated FET
logo
Cypress Semiconductor
MB39A130A CYPRESS-MB39A130A Datasheet
1Mb / 60P
MB39A130A 1ch DC/DC Buck Converter IC with Synchronous Rectification
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
Buck DC/DC Converter Low Noise LDO
S6AP412A CYPRESS-S6AP412A Datasheet
3Mb / 68P
3ch DC/DC Converter with I2C Interface and Internal SW FETs
S6AP413A CYPRESS-S6AP413A Datasheet
3Mb / 69P
4ch DC/DC Converter with I2C Interface and Internal SW FETs
logo
Princeton Technology Co...
PT5141 PTC-PT5141 Datasheet
211Kb / 4P
1CH DC Motor Driver with LDO
logo
Mitsumi Electronics, Co...
MM3558 MITSUMI-MM3558 Datasheet
244Kb / 22P
2ch Synchronous Step-down DC/DC Converter 1ch LDO 2ch P-GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com