Electronic Components Datasheet Search
  English  ▼

X  

PE3C3394 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C3394
Description  50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3394 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C3394 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3394 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3394 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3394 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.1 in [2.54 mm]
.
Repeated Minimum Bend Radius
0.394 in [10.01 mm]
Connectors
Description
Connector 1
Connector 2
Type
BNC Male
SMC Plug
Specification
MIL-STD-348A
Impedance
50 Ohms
75 Ohms
Contact Material and Plating
Brass, Gold
Beryllium Copper, Gold
Contact Plating Specification
50µ in. minimum
30 µin minimum
Dielectric Type
Teflon
PTFE
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
100 µin minimum
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
100 µin minimum
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE3C3394 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax PE3C3394
RF Cable Assemblies Technical Data Sheet
PE3C3394
50 Ohm BNC Male to 75 Ohm SMC Plug
Cable Using 75 Ohm RG179 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com