Electronic Components Datasheet Search
  English  ▼

X  

PE3C3394 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3394
Description  50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3394 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3394 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3394 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3394 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3394 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: BNC Male
• Connector 2: SMC Plug
• Cable Type: RG179
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
400
MHz
VSWR
1.4:1
Velocity of Propagation
70
%
Capacitance
19.4 [63.65]
pF/ft [pF/m]
Operating Voltage (AC)
335
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
1.04
1.09
1.14
dB/ft
3.41
3.58
3.74
dB/m
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG179
Impedance
75 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax PE3C3394
PE3C3394 REV 1.0
50 Ohm BNC Male to 75 Ohm SMC Plug
Cable Using 75 Ohm RG179 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3394


Similar Part No. - PE3C3394

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3390 PASTERNACK-PE3C3390 Datasheet
358Kb / 4P
SSMB Plug to BNC Male Cable Using RG174 Coax
PE3C3391 PASTERNACK-PE3C3391 Datasheet
365Kb / 4P
BNC Male to BNC Male Right Angle Cable Using RG316 Coax
PE3C3391-12 PASTERNACK-PE3C3391-12 Datasheet
363Kb / 4P
BNC Male to BNC Male Right Angle Cable 12 Inch Length Using RG316 Coax
PE3C3391-24 PASTERNACK-PE3C3391-24 Datasheet
364Kb / 4P
BNC Male to BNC Male Right Angle Cable 24 Inch Length Using RG316 Coax
PE3C3391-36 PASTERNACK-PE3C3391-36 Datasheet
364Kb / 4P
BNC Male to BNC Male Right Angle Cable 36 Inch Length Using RG316 Coax
More results

Similar Description - PE3C3394

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE3376LF PASTERNACK-PE3376LF Datasheet
231Kb / 1P
CABLE ASSEMBLY RG179/U 75 OHM SMC PLUG TO 75 OHM SMC PLUG(LEAD FREE)
PE33646LF PASTERNACK-PE33646LF Datasheet
108Kb / 1P
CABLE ASSEMBLY PE-B150 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE33586LF PASTERNACK-PE33586LF Datasheet
283Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE33646 PASTERNACK-PE33646 Datasheet
111Kb / 1P
CABLE ASSEMBLY PE-B150 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE36344 PASTERNACK-PE36344 Datasheet
357Kb / 3P
75 Ohm F Male to 75 Ohm F Female Bulkhead Cable Using 75 Ohm RG179 Coax
PE36344-36 PASTERNACK-PE36344-36 Datasheet
358Kb / 3P
75 Ohm F Male to 75 Ohm F Female Bulkhead Cable 36 Inch Length Using 75 Ohm RG179 Coax
PE3C3321 PASTERNACK-PE3C3321 Datasheet
365Kb / 4P
SMA Male to BNC Male Cable Using 75 Ohm RG179 Coax
PE3C3349 PASTERNACK-PE3C3349 Datasheet
377Kb / 4P
BNC Male to BNC Male Cable Using 75 Ohm RG179 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com