Electronic Components Datasheet Search
  English  ▼

X  

ESD12VL Datasheet(PDF) 3 Page - Micro Commercial Components

Part # ESD12VL
Description  ESD Protection Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESD12VL Datasheet(HTML) 3 Page - Micro Commercial Components

  ESD12VL Datasheet HTML 1Page - Micro Commercial Components ESD12VL Datasheet HTML 2Page - Micro Commercial Components ESD12VL Datasheet HTML 3Page - Micro Commercial Components ESD12VL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.mccsemi.com
Revision: B
2016/05/11
3 of 4
Typical Performance Characteristics (TA=25°C unless otherwise Specified)
Micro Commercial Components
M C C
R
Junction Capacitance vs. Reverse Voltage
Peak Pulse Power vs. Pulse Time
Power Derating Curve
20
60
Time_t(uS)
8 X 20uS Pulse Waveform
ESD Clamping Voltage
8 kV Contact per IEC61000−4−2
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature_Ta(℃)
90
80
70
60
50
40
30
20
10
0
Clamping Voltage vs. Peak Pulse Current
100
0
40
80
10
13
16
19
22
25
0
12
2
4
6
8
10
Peak Pulse Current_Ipp (A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com