Electronic Components Datasheet Search
  English  ▼

X  

ESD12VL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ESD12VL
Description  ESD Protection Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESD12VL Datasheet(HTML) 1 Page - Micro Commercial Components

  ESD12VL Datasheet HTML 1Page - Micro Commercial Components ESD12VL Datasheet HTML 2Page - Micro Commercial Components ESD12VL Datasheet HTML 3Page - Micro Commercial Components ESD12VL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESD
12VL
ESD Protection
Device
www.mccsemi.com
Revision:
B
20
16/05/11
1 of
4
Maximum Ratings
DFN1006-2
Features
•
Protects one data or power line
•
Low clamping voltage
•
Ultra low leakage: nA level
•
•
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Junction Temperature: -55°C to +125°C
Parameter
Symbol
Limits
unit
IEC61000-4-2(ESD)
Air
Contact
f30
f30
KV
Peak Pulse Current (8/20us)
12
A
Suggested Solder
Pad Layout
(mm)
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.018
0.0
22
0.4
5
0.5
5
B
C
D
0.037
0.041
0.95
1.05
E
0.0
22
0.0
26
0.
55
0.
65
F
0.0
26 REF.
0.
650 REF.
G
0.0
03
0.007
0.
45
0.
55
0.0
05
0.007
0.
12
0.18
Halogen free available upon request by adding suffix "-HF"
•
IEC61000−4−4 (EFT) 40A (5/50ns)
IEC61000-4-5(Lightning) 20A (8/20us)
StorageTemperature: -55
°C to +150°C
•
Peak Pulse Power (8/20us)
300
W
VESD
Ppk
Ipp
-
D
A
C
B
L
G
-
F
H
H
0.0
00
0.0
02
0.
00
0.
05
0.0
18
0.022
0.0
08
0.012
H
L
0.
07
0.
17
0.
20
0.
30
╋
╋
0.5
0.3
0.8
0.6
1.3
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Micro Commercial Components
M C C
R
Circuit and Pin Schematic
Marking Code: 2P / 12


Similar Part No. - ESD12VL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD12VLB MCC-ESD12VLB Datasheet
909Kb / 4P
ESD Protection Device
More results

Similar Description - ESD12VL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP200002 TRIQUINT-TQP200002_15 Datasheet
745Kb / 10P
ESD Protection Device
logo
FutureWafer Tech Co.,Lt...
PESD1524VD FUTUREWAFER-PESD1524VD Datasheet
755Kb / 3P
ESD Protection Device
logo
Micro Commercial Compon...
ESD24VLB MCC-ESD24VLB Datasheet
719Kb / 4P
ESD Protection Device
ESD12VD3BHE3 MCC-ESD12VD3BHE3 Datasheet
1Mb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD1524D3BHE3A MCC-ESD1524D3BHE3A Datasheet
3Mb / 4P
ESD Protection Device
Rev.3-1-11282022
ESD15VD3BHE3 MCC-ESD15VD3BHE3 Datasheet
995Kb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD24VD3BHE3 MCC-ESD24VD3BHE3 Datasheet
1,002Kb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD36VD3BHE3 MCC-ESD36VD3BHE3 Datasheet
944Kb / 4P
ESD Protection Device
Rev.3-1-12022022
logo
Nexperia B.V. All right...
PESD12VL1BSL NEXPERIA-PESD12VL1BSL Datasheet
225Kb / 11P
ESD protection device
3 September 2021
PESD7V0L1BSL NEXPERIA-PESD7V0L1BSL Datasheet
224Kb / 11P
ESD protection device
3 September 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com