Electronic Components Datasheet Search
  English  ▼

X  

MF200C12F2 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MF200C12F2
Description  200 Amp FRED Modules 1200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MF200C12F2 Datasheet(HTML) 3 Page - Micro Commercial Components

  MF200C12F2 Datasheet HTML 1Page - Micro Commercial Components MF200C12F2 Datasheet HTML 2Page - Micro Commercial Components MF200C12F2 Datasheet HTML 3Page - Micro Commercial Components MF200C12F2 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision: A
2017/04/29
www.mccsemi.com
3 of 4
Micro Commercial Components
M C C
TM
MF300C12F2
Performance Curves
Fig3. Reverse Recovery Current vs diF/dt
Fig4. Reverse Recovery Charge vs diF/dt
Fig1. Forward Voltage Drop vs Forward Current
Fig2. Reverse Recovery Time vs diF/dt
0 diF/dt
500
A/us 1000
700
ns
350
trr
0
400
A
200
IF
0
0 VF
1.2
2.4
V
3.6
25℃
125℃
VR=600V
TJ=125℃
100
A
50
IRRM
0
0 diF/dt
500
A/us
1000
VR=600V
TJ=125℃
IF=400A
IF=200A
IF=100A
IF=400A
IF=200A
IF=100A
0 diF/dt
500
A/us 1000
20
uc
12
8
4
Qrr
0
IF=400A
IF=200A
IF=100A
VR=600V
TJ=125℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com