Electronic Components Datasheet Search
  English  ▼

X  

MF200C12F2 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MF200C12F2
Description  200 Amp FRED Modules 1200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MF200C12F2 Datasheet(HTML) 1 Page - Micro Commercial Components

  MF200C12F2 Datasheet HTML 1Page - Micro Commercial Components MF200C12F2 Datasheet HTML 2Page - Micro Commercial Components MF200C12F2 Datasheet HTML 3Page - Micro Commercial Components MF200C12F2 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MF200C12F2
200 Amp
FRED Modules
1200 Volts
Features
Applications
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision: A
2017/04/29
www.mccsemi.com
1 of
4
Micro Commercial Components
M C C
TM
F2
M6
1
2
3
A
A
B
C
D
E F
G
H
I
J
K
L M
Inversion Welder
Uninterruptible Power Supply (UPS)
Plating Power Supply
Ultrasonic Cleaner and Welder
Power Factor Correction (PFC) Circuit
Converter & Chopper
Circuit
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Soft Reverse Recovery Characteristics
Ultrafast Reverse Recovery Time
Low Reverse Recovery Loss
Low Forward Voltage
High Surge Current Capability
Low Inductance Package
MIN
MAX
MIN
MAX
A
0.886 0.925 22.50
23.50
B
1.161 1.201 29.50
30.50
C
0.335 0.374
8.50
9.50
D
0.315 0.350
8.00
8.90
E
1.043 1.083 26.50
27.50
F
1.122 1.161 28.50
29.50
G
3.130 3.169 79.50
80.50
H
0.492 0.531 12.50
13.50
I
2.500 2.539 63.50
64.50
J
3.681 3.720 93.50
94.50
K
L
0.492 0.531 12.50
13.50
M
1.319 1.358 33.50
34.50
DIMENSIONS
DIM
INCHES
MM
NOTE
0.256
6.50
∅


Similar Part No. - MF200C12F2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MF200C1003BTR MERITEK-MF200C1003BTR Datasheet
169Kb / 1P
Metal Film Resistors
MF200C1003FTR MERITEK-MF200C1003FTR Datasheet
169Kb / 1P
Metal Film Resistors
MF200C100DBTR MERITEK-MF200C100DBTR Datasheet
169Kb / 1P
Metal Film Resistors
More results

Similar Description - MF200C12F2

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QR1220T30 POWEREX-QR1220T30 Datasheet
112Kb / 3P
Fast Recovery Diode Module (200 Amp/1200 Volts)
logo
Central Semiconductor C...
CS218I-30M CENTRAL-CS218I-30M Datasheet
111Kb / 2P
ISOLATED TAB SCR 30 AMP 200 THRU 1200 VOLTS
CS3P-40B CENTRAL-CS3P-40B Datasheet
122Kb / 2P
ISOLATED 40 AMP SCR 200 THRU 1200 VOLTS
CS48-35B CENTRAL-CS48-35B Datasheet
112Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS218-35B CENTRAL-CS218-35B Datasheet
111Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS218I-50B CENTRAL-CS218I-50B Datasheet
117Kb / 2P
ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS
logo
Micro Commercial Compon...
MF100C06F1 MCC-MF100C06F1 Datasheet
998Kb / 4P
100 Amp FRED Modules 600 Volts
MF100U12F2 MCC-MF100U12F2 Datasheet
707Kb / 4P
100 Amp FRED Modules 1200 Volts
MF200DU12FJ MCC-MF200DU12FJ Datasheet
766Kb / 4P
200 Amp FRED Modules 1200 Volts
MF400K06F3 MCC-MF400K06F3 Datasheet
544Kb / 4P
400 Amp FRED Modules 600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com