Electronic Components Datasheet Search
  English  ▼

X  

HAR2425 Datasheet(PDF) 23 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 23 Page - Micronas

Back Button HAR2425 Datasheet HTML 19Page - Micronas HAR2425 Datasheet HTML 20Page - Micronas HAR2425 Datasheet HTML 21Page - Micronas HAR2425 Datasheet HTML 22Page - Micronas HAR2425 Datasheet HTML 23Page - Micronas HAR2425 Datasheet HTML 24Page - Micronas HAR2425 Datasheet HTML 25Page - Micronas HAR2425 Datasheet HTML 26Page - Micronas HAR2425 Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DATA SHEET
HAR 24xy
Micronas
July 14, 2015; DSH000170_001EN
23
4.8. Recommended Operating Conditions
Functional operation of the device beyond those indicated in the “Recommended Operating Conditions/Characteris-
tics” is not implied and may result in unpredictable behavior, reduce reliability and lifetime of the device.
All voltages listed are referenced to ground (GND1=GND2=GNDePad).
Symbol
Parameter
Pin
Min.
Typ.
Max.
Unit
Remarks
VSUP
Supply Voltage
VSUPx
4.5
5.7
5
6
5.5
6.5
V
Normal operation
During programming
IOUT
Continuous Output Current
OUTx
1.2
1.2
mA
RL
Load Resistor
OUTx
5.0

k
Can be pull-up or pull-down
resistor
CL
Load Capacitance
OUTx
0.33
47
600
nF
for HAR 2425 (analog output)
0.18
10
nF
for HAR 2455 (PWM)
NPRG
Number of Memory Pro-
gramming Cycles1)

100
cycles
0°C < Tamb < 55°C
TJ
Junction Temperature2)
40
40
40
125
150
170
°C
8000 h 3)
2000 h 3)
1000 h 3)
1) In the EEPROM, it is not allowed to program only one single address within a 'bank' in the memory.
In case of programming one single address the complete bank has to be programmed
2) Depends on the temperature profile of the application. Please contact Micronas for life time calculations.
Time values are not additive
3) Time values are not cumulative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com