Electronic Components Datasheet Search
  English  ▼

X  

HAR2425 Datasheet(PDF) 26 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 26 Page - Micronas

Back Button HAR2425 Datasheet HTML 22Page - Micronas HAR2425 Datasheet HTML 23Page - Micronas HAR2425 Datasheet HTML 24Page - Micronas HAR2425 Datasheet HTML 25Page - Micronas HAR2425 Datasheet HTML 26Page - Micronas HAR2425 Datasheet HTML 27Page - Micronas HAR2425 Datasheet HTML 28Page - Micronas HAR2425 Datasheet HTML 29Page - Micronas HAR2425 Datasheet HTML 30Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
HAR 24xy
DATA SHEET
26
July 14, 2015; DSH000170_001EN
Micronas
4.10.Open-Circuit Detection
at TJ = 40 °C to +170 °C, Typical Characteristics for TJ = 25 °C
4.11.Overvoltage and Undervoltage Detection
at TJ = 40 °C to +170 °C, GND1=GND2=GNDepad=0V, Typical Characteristics for TJ = 25 °C, after programming
and locking
Symbol
Parameter
Pin
Min.
Typ.
Max.
Unit
Comment
VOUT
Output Voltage at Open
VSUP Line
OUTx
000.15
V
VSUP = 5 V
RL = 10 kto 200 k
000.2
V
VSUP = 5 V
RL = 5 kto 10 k
VOUT
Output Voltage at Open
GND Line
OUTx
4.85
4.9
5.0
V
VSUP = 5 V
RL = 10 kto 200 k
4.8
4.9
5.0
V
VSUP = 5 V
RL = 5 kto 10 k
RL: Can be pull-up or pull-down resistor
Symbol
Parameter
Pin
Min.
Typ.
Max.
Unit
Test Conditions
VSUP,UV
Undervoltage Detection
Level
VSUPx
3.33.9
4.3V
VSUP,UVhyst Undervoltage Detection
Level Hysteresis1)
VSUPx
200
mV
VSUP,OV
Overvoltage Detection
Level
VSUPx
5.66.2
6.9V
VSUP,OVhyst Overvoltage Detection
Level
Hysteresis1)
VSUPx
225
mV
1) Characterized on small sample size, not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com