Electronic Components Datasheet Search
  English  ▼

X  

MZSERIES Datasheet(PDF) 3 Page - Anshan Leadsun Electronics Co., Ltd

Part # MZSERIES
Description  High Voltage Silicon Assembly Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSUN [Anshan Leadsun Electronics Co., Ltd]
Direct Link  http://www.hv-semi.com/en/
Logo LEADSUN - Anshan Leadsun Electronics Co., Ltd

MZSERIES Datasheet(HTML) 3 Page - Anshan Leadsun Electronics Co., Ltd

  MZSERIES Datasheet HTML 1Page - Anshan Leadsun Electronics Co., Ltd MZSERIES Datasheet HTML 2Page - Anshan Leadsun Electronics Co., Ltd MZSERIES Datasheet HTML 3Page - Anshan Leadsun Electronics Co., Ltd MZSERIES Datasheet HTML 4Page - Anshan Leadsun Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Leadsun Electronics
High Voltage Silicon Assembly Series
Revised: 18-01-19 this document is subject to change without prior notice.
Sales and service: leadsun@hv-semi.com
sureshang@hotmail.com
Sales hotline: 86-412-2666636
3
MZ Series
Load 50/60Hz
VRRM
IF(AV)
IFSM
VFM
IR1
IR2
MZ5KV/10.0A
5KV
10.0A
300A
6V
10.0μA
200.0μA
P3
MZ10KV/10.0A
10KV
10.0A
300A
12V
10.0μA
200.0μA
P3
Remarks: When the products are working,there’s a little heat on the surface.When the surface temperature is over
60℃,please use air cooling for heat dissipation;If necessary,use oil for cooling.
SYMBOL
Picture 1
(Unit:mm)
A
55±0.5
B
23±1
C
5
D
6
E
M6
SYMBOL
Picture2
(Unit:mm)
A
80±0.5
B
30±1
C
5
D
6
E
M8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com