Electronic Components Datasheet Search
  English  ▼

X  

MZSERIES Datasheet(PDF) 1 Page - Anshan Leadsun Electronics Co., Ltd

Part # MZSERIES
Description  High Voltage Silicon Assembly Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSUN [Anshan Leadsun Electronics Co., Ltd]
Direct Link  http://www.hv-semi.com/en/
Logo LEADSUN - Anshan Leadsun Electronics Co., Ltd

MZSERIES Datasheet(HTML) 1 Page - Anshan Leadsun Electronics Co., Ltd

  MZSERIES Datasheet HTML 1Page - Anshan Leadsun Electronics Co., Ltd MZSERIES Datasheet HTML 2Page - Anshan Leadsun Electronics Co., Ltd MZSERIES Datasheet HTML 3Page - Anshan Leadsun Electronics Co., Ltd MZSERIES Datasheet HTML 4Page - Anshan Leadsun Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Leadsun Electronics
High Voltage Silicon Assembly Series
Revised: 18-01-19 this document is subject to change without prior notice.
Sales and service: leadsun@hv-semi.com
sureshang@hotmail.com
Sales hotline: 86-412-2666636
1
MZ Series
MZ Series High Voltage Silicon Stack
FEATURES
Low leakage current, low power.
Prevent instantaneous large current impact.
Heat conduction performance, efficient heat
dissipation design.
General and different shapes and sizes to choose or
custom.
In the circuit in high voltage rectifier, isolation,
protection.
MZ Series 1.0A Specifications
Type
Repetitive Peak
Reverse Voltage
Average Forward
Current@Half-W
ave
Resistive
Load 50/60Hz
Non-Repetitive
Peak
Forward
Current @8.3ms
Maximum
Forward Voltage
Drop @25℃ Ta
Maximum Reverse Current
Figure
VRRM
IF(AV)
IFSM
VFM
IR1
IR2
MZ5KV/1.0A
5KV
1.0A
30A
6V
5.0μA
50.0μA
P1
MZ10KV/1.0A
10KV
1.0A
30A
12V
5.0μA
50.0μA
P1
MZ15KV/1.0A
15KV
1.0A
30A
18V
5.0μA
50.0μA
P1
MZ20KV/1.0A
20KV
1.0A
30A
24V
5.0μA
50.0μA
P1
MZ25KV/1.0A
25KV
1.0A
30A
30V
5.0μA
50.0μA
P2
MZ30KV/1.0A
30KV
1.0A
30A
36V
5.0μA
50.0μA
P2
MZ35KV/1.0A
35KV
1.0A
30A
42V
5.0μA
50.0μA
P2
MZ40KV/1.0A
40KV
1.0A
30A
48V
5.0μA
50.0μA
P2
MZ45KV/1.0A
45KV
1.0A
30A
54V
5.0μA
50.0μA
P2
MZ Series 2.0A Specifications
Type
Repetitive Peak
Reverse Voltage
Average Forward
Current@Half-W
ave
Resistive
Load 50/60Hz
Non-Repetitive
Peak
Forward
Current @8.3ms
Maximum
Forward Voltage
Drop @25℃ Ta
Maximum Reverse Current
Figure
VRRM
IF(AV)
IFSM
VFM
IR1
IR2
MZ5KV/2.0A
5KV
2.0A
60A
6V
5.0μA
50.0μA
P1
MZ10KV/2.0A
10KV
2.0A
60A
12V
5.0μA
50.0μA
P1


Similar Part No. - MZSERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MZS ETC-MZS Datasheet
110Kb / 1P
EM Single-Position Tooth Clutch
logo
M-System Co.,Ltd.
MZS MSYSTEM-MZS Datasheet
117Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
Sennheiser electronic S...
MZS 20-1 SENNHEISER-MZS 20-1 Datasheet
455Kb / 5P
Shotgun microphone
V1.0
logo
List of Unclassifed Man...
MZS-10D ETC-MZS-10D Datasheet
110Kb / 1P
EM Single-Position Tooth Clutch
logo
M-System Co.,Ltd.
MZS-160-B MSYSTEM-MZS-160-B Datasheet
117Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - MZSERIES

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
8E7H EDAL-8E7H Datasheet
343Kb / 1P
Silicon High Voltage Assembly
8F5H1 EDAL-8F5H1 Datasheet
308Kb / 1P
Silicon High Voltage Assembly
8G6H1 EDAL-8G6H1 Datasheet
361Kb / 1P
Silicon High Voltage Assembly
logo
Anshan Leadsun Electron...
HVP-08 LEADSUN-HVP-08 Datasheet
305Kb / 1P
High Voltage Silicon Assembly Series
HVP-10 LEADSUN-HVP-10 Datasheet
305Kb / 1P
High Voltage Silicon Assembly Series
HVP-12 LEADSUN-HVP-12 Datasheet
305Kb / 1P
High Voltage Silicon Assembly Series
HVP-14 LEADSUN-HVP-14 Datasheet
305Kb / 1P
High Voltage Silicon Assembly Series
HVP-15 LEADSUN-HVP-15 Datasheet
305Kb / 1P
High Voltage Silicon Assembly Series
HVP-16 LEADSUN-HVP-16 Datasheet
305Kb / 1P
High Voltage Silicon Assembly Series
HVP-20 LEADSUN-HVP-20 Datasheet
305Kb / 1P
High Voltage Silicon Assembly Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com