Electronic Components Datasheet Search
  English  ▼

X  

SFH9206 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH9206
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9206 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH9206 Datasheet HTML 3Page - OSRAM GmbH SFH9206 Datasheet HTML 4Page - OSRAM GmbH SFH9206 Datasheet HTML 5Page - OSRAM GmbH SFH9206 Datasheet HTML 6Page - OSRAM GmbH SFH9206 Datasheet HTML 7Page - OSRAM GmbH SFH9206 Datasheet HTML 8Page - OSRAM GmbH SFH9206 Datasheet HTML 9Page - OSRAM GmbH SFH9206 Datasheet HTML 10Page - OSRAM GmbH SFH9206 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Version 1.5
SFH 9206
2015-12-22
7
Dark Current 3) page 14
ICEO = f(TA), VCE = 20 V, E = 0
Collector-Emitter Capacitance 3) page 14
CCE = f(VCE), f = 1 MHz, E = 0, TA = 25°C
Relative Spectral Sensitivity 3) page 14
Srel = f(λ), TA = 25°C
Photocurrent 3) page 14
IPCE / IPCE(25°C) = f(TA), VCE = 5 V, If=10mA
T
OHF01530
A
CEO
Ι
-1
10
10
0
10
1
10
2
10
3
-25
nA
0
25
50
75
100
˚C
V
OHF01528
CE
-2
10
CE
C
10
-1
10
0
10
1
10
2
0
V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
pF
OHF05686
-60
˚C
A
T
0
(25 ˚C)
Ipce
Ipce
0.2
0.4
0.6
0.8
1.0
1.4
-40 -20 0 20 40 60 80
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com