Electronic Components Datasheet Search
  English  ▼

X  

SFH9206 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH9206
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9206 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH9206 Datasheet HTML 1Page - OSRAM GmbH SFH9206 Datasheet HTML 2Page - OSRAM GmbH SFH9206 Datasheet HTML 3Page - OSRAM GmbH SFH9206 Datasheet HTML 4Page - OSRAM GmbH SFH9206 Datasheet HTML 5Page - OSRAM GmbH SFH9206 Datasheet HTML 6Page - OSRAM GmbH SFH9206 Datasheet HTML 7Page - OSRAM GmbH SFH9206 Datasheet HTML 8Page - OSRAM GmbH SFH9206 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Version 1.5
SFH 9206
2015-12-22
5
Collector Current 3) page 14
IC / ICmax = f(d), TA = 25°C
Collector Current 3) page 14
IC = f(IF), d = 1 mm, 90% reflection, TA = 25°C
Photocurrent 3) page 14
IC = f(VCE), d = 1 mm, 90% reflection, TA = 25°C
Relative Spectral Emission 3) page 14
(typ) Irel = f(λ), TA = 25°C
0
OHF05610
I
C max
d
0
C
I
20
40
60
80
%
100
1
2
3
4 mm 5
Kodak neutral
white test card
Mirror
70
50
30
10
OHF05611
C
I
0
0
1
2
3
4
5
6
F
I
5 10 15 20 25 30 35
mA 50
mA
OHF05612
0
2
10
CE
V
10
1
0
10
10
-1
V
I
C
0.5
1.0
1.5
2.0
2.5
mA
I = 15 mA
I
F = 10 mA
= 5 mA
F
I
= 20 mA
= 25 mA
F
I
I
F
F
800
0
nm
%
OHF04134
20
40
60
80
100
Irel
λ
850
900
950
1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com