Electronic Components Datasheet Search
  English  ▼

X  

HAL1002 Datasheet(PDF) 28 Page - Micronas

Part # HAL1002
Description  Highly Precise Programmable Hall-Effect Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1002 Datasheet(HTML) 28 Page - Micronas

Back Button HAL1002 Datasheet HTML 21Page - Micronas HAL1002 Datasheet HTML 22Page - Micronas HAL1002 Datasheet HTML 23Page - Micronas HAL1002 Datasheet HTML 24Page - Micronas HAL1002 Datasheet HTML 25Page - Micronas HAL1002 Datasheet HTML 26Page - Micronas HAL1002 Datasheet HTML 27Page - Micronas HAL1002 Datasheet HTML 28Page - Micronas HAL1002 Datasheet HTML 29Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
HAL 1002
DATA SHEET
28
April 25, 2014; DSH000163_001EN
Micronas
6.6. Programming Information
If the content of any register (except the lock registers)
is to be changed, the desired value must first be writ-
ten into the corresponding RAM register. Before read-
ing out the RAM register again, the register value must
be permanently stored in the EEPROM.
Permanently storing a value in the EEPROM is done
by first sending an ERASE command followed by
sending a PROM command. The address within the
ERASE and PROM commands must be zero.
ERASE and PROM act on all registers in parallel.
If all HAL 1002 registers are to be changed, all writing
commands can be sent one after the other, followed by
sending one ERASE and PROM command at the end.
During all communication sequences, the customer
has to check if the communication with the sensor was
successful. This means that the acknowledge and the
parity bits sent by the sensor have to be checked by
the customer. If the Micronas programmer board is
used, the customer has to check the error flags sent
from the programmer board.
Note: For production and qualification tests it is man-
datory to set the LOCK bit after final adjustment
and programming of HAL 1002. The LOCK func-
tion is active after the next power-up of the sen-
sor.
The success of the lock process shall be
checked by reading at least one sensor register
after locking and/or by an analog check of the
sensors output signal.
Electrostatic discharges (ESD) may disturb the
programming pulses. Please take precautions
against ESD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com