Electronic Components Datasheet Search
  English  ▼

X  

HAL1002 Datasheet(PDF) 12 Page - Micronas

Part # HAL1002
Description  Highly Precise Programmable Hall-Effect Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1002 Datasheet(HTML) 12 Page - Micronas

Back Button HAL1002 Datasheet HTML 8Page - Micronas HAL1002 Datasheet HTML 9Page - Micronas HAL1002 Datasheet HTML 10Page - Micronas HAL1002 Datasheet HTML 11Page - Micronas HAL1002 Datasheet HTML 12Page - Micronas HAL1002 Datasheet HTML 13Page - Micronas HAL1002 Datasheet HTML 14Page - Micronas HAL1002 Datasheet HTML 15Page - Micronas HAL1002 Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
HAL 1002
DATA SHEET
12
April 25, 2014; DSH000163_001EN
Micronas
LOCK Register
By setting the LSB of this 2-bit register, all registers will
be locked, and the sensor will no longer respond to
any supply voltage modulation. This bit is active after
the first power-off and power-on sequence after setting
the LOCK bit. After locking of sensor is active, it will no
longer respond to power supply modulation.
Warning: This register cannot be reset!
ADC-READOUT Register
This 14-bit register delivers the actual digital value of
the applied magnetic field after filtering but before the
signal processing. This register can be read out and is
the basis for the calibration procedure of the sensor in
the system environment.
D/A-READOUT
This 14-bit register delivers the actual digital value of
the applied magnetic field after the signal processing.
This register can be read out and is the basis for the
calibration procedure of the sensor in the system
environment.
Note: The MSB and LSB are reversed compared with
all the other registers. Please reverse this regis-
ter after readout.
Note: During calibration it is mandatory to select the
Analog Output as output format.The D/A-Read-
out register can be read out only in the output
mode. For all other modes the result read back
from the sensor will be a 0. After the calibration
the output format can than easily be switched to
the wanted output mode.
3.4. General Calibration Procedure
For
calibration
in
the
system
environment,
the
application kit from Micronas is recommended. It
contains the hardware for the generation of the serial
telegram for programming and the corresponding
software for the input or calculation of the register
values.
In this section, the programming of the sensor using
this tool is explained. Please refer to Section 5. on
page 24 for information about programming without
this tool.
For the individual calibration of each sensor in the
customer‘s application, a two-point adjustment is
recommended (see Fig. 3–1 for an example). When
using the application kit, the calibration can be done in
three steps:
Step 1: Input of the registers which need not be
adjusted individually
The magnetic circuit, the magnetic material with its
temperature characteristics, and the filter frequency,
are given for this application.
Therefore, the values of the following registers should
be identical for all sensors in the application.
–FILTER
(according to maximum signal frequency)
The 500 Hz range is recommended for highest
accuracy.
–RANGE
(according to the maximum magnetic field at the
sensor position)
– TC and TCSQ
(depends on the material of the magnet and the
other temperature dependencies of the application)
Write the appropriate settings into the HAL1002
registers.
Step 2: Calculation of the Sensor Parameters
Fig. 3–1 shows the typical characteristics for a
contactless switch. There is a mechanical range where
the sensor must be switched high and where the
sensor must be switched low.
Set the system to the calibration point where the
sensor output must be high, and press the key
“Readout BOFF”. The result is the corresponding
ADC-READOUT value.
Note: The magnetic south pole on the branded side
generates negative ADC-READOUT values, the
north polarity positive values.
Then, set the system to the calibration point where the
sensor output must be low, press the key “Readout
BON” and get the second ADC-READOUT value.
Now, adjust the hysteresis to the desired value. The
hysteresis is the difference between the switching
points and suppresses oscillation of the output signal.
With 100% hysteresis, the sensor will switch low and
high exactly at the calibration points. A lower value will
adjust the switching points closer together. Fig. 3–1
shows an example with 80% hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com