Electronic Components Datasheet Search
  English  ▼

X  

CCG2 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button CCG2 Datasheet HTML 20Page - Cypress Semiconductor CCG2 Datasheet HTML 21Page - Cypress Semiconductor CCG2 Datasheet HTML 22Page - Cypress Semiconductor CCG2 Datasheet HTML 23Page - Cypress Semiconductor CCG2 Datasheet HTML 24Page - Cypress Semiconductor CCG2 Datasheet HTML 25Page - Cypress Semiconductor CCG2 Datasheet HTML 26Page - Cypress Semiconductor CCG2 Datasheet HTML 27Page - Cypress Semiconductor CCG2 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 24 of 33
Internal Low-Speed Oscillator
Power Down
Table 22. ILO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID231
IILO
ILO operating current at 32 kHz
0.3
1.05
µA
Guaranteed by
Characterization
SID233
IILOLEAK
ILO leakage current
2
15
nA
Guaranteed by Design
Table 23. ILO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID234
TSTARTILO
ILO startup time
2
ms
Guaranteed by
characterization
SID236
TILODUTY
ILO duty cycle
40
50
60
%
Guaranteed by
characterization
SID.CLK#5 FILO
ILO Frequency
20
40
80
kHz
Table 24. PD DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.PD.1
Rp_std
DFP CC termination for default
USB Power
64
80
96
µA
SID.PD.2
Rp_1.5A
DFP CC termination for 1.5A
power
166
180
194
µA
SID.PD.3
Rp_3.0A
DFP CC termination for 3.0A
power
304
330
356
µA
SID.PD.4
Rd
UFP CC termination
4.59
5.1
5.61
kΩ
SID.PD.5
Rd_DB
UFP Dead Battery CC termi-
nation on RD1 and CC2
4.08
5.1
6.12
kΩ
All supplies forced to 0 V
and 0.6 V applied at RD1
or CC2
SID.PD.6
RA
Power cable termination
0.8
1.0
1.2
kΩ
All supplies forced to 0 V
and 0.2 V applied at
VCONN1 or VCONN2
SID.PD.7
Ra_OFF
Power cable termination -
Disabled
0.4
0.75
MΩ
2.7 V applied at VCONN1
or VCONN2 with RA
disabled
SID.PD.8
Rleak_1
VCONN leaker for 0.1-µF load
216
kΩ
Managed Active Cable
(MAC) discharge
SID.PD.9
Rleak_2
VCONN leaker for 0.5-µF load
41.2
kΩ
SID.PD.10 Rleak_3
VCONN leaker for 1.0-µF load
19.6
kΩ
SID.PD.11 Rleak_4
VCONN leaker for 2.0-µF load
9.8
kΩ
SID.PD.12 Rleak_5
VCONN leaker for 5.0-µF load
4.1
kΩ
SID.PD.13 Rleak_6
VCONN leaker for 10-µF load
2.0
kΩ
SID.PD.14 Ileak
Leaker on VCONN1 and VCONN2
for discharge upon cable detach
150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com