Electronic Components Datasheet Search
  English  ▼

X  

P9 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P9
Description  9 mm Multi-Ganged Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P9 Datasheet(HTML) 1 Page - Vishay Siliconix

  P9_17 Datasheet HTML 1Page - Vishay Siliconix P9_17 Datasheet HTML 2Page - Vishay Siliconix P9_17 Datasheet HTML 3Page - Vishay Siliconix P9_17 Datasheet HTML 4Page - Vishay Siliconix P9_17 Datasheet HTML 5Page - Vishay Siliconix P9_17 Datasheet HTML 6Page - Vishay Siliconix P9_17 Datasheet HTML 7Page - Vishay Siliconix P9_17 Datasheet HTML 8Page - Vishay Siliconix P9_17 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
P9
www.vishay.com
Vishay Sfernice
Revision: 04-Jul-17
1
Document Number: 51047
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
9 mm Multi-Ganged Potentiometer
FEATURES
• Conductive plastic element
• Ultra compact (extra miniature module size)
• Multiple assemblies (up to seven modules)
• Shaft and panel sealed option
• Center mechanical detent fully integrated in option
• Center tap option
• Custom designs available on request
• Test according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Multiple module
Up to 7 modules
Switch module
n/a
Detent module
Yes
Special
electrical laws
A: linear, L: logarithmic, F: reverse logarithmic
and others see specification
Sealing level
IP 64
Lifespan
25K cycles
DIMENSIONS in millimeters (inches) ± 0.5 mm (± 0.02")
Vertical Mounting
Center Tap
Center Tap and Vertical Mounting
M7 x 0.75
0.9
(0.04)
11.35
(0.45)
2.5
(0.10)
L: See Shaft table
7
(0.276)
5
(0.20)
6.4
(0.25)
2.5
(0.10)
3.6
(0.14)
2.5
(0.10)
1
(0.04)
0.45
(0.02)
R
9.5
(0.37)
3.5
(0.14)
2.5
(0.10)
2.5
(0.10)
P9
3
3.45
(0.14)
See Shaft table
2.5
(0.10)
7.5
(0.30)
4.7
(0.19)
3.8
(0.15)
See Bushing table
7.5
(0.30)
2.5
(0.10)
2.5
(0.10)
3 x
0.9
(0.04)
2.5
(0.10)
3.5
(0.14)
2
(0.08)
2.5
(0.10)
2.5
(0.10)
2.5
(0.10)
0.2
(0.01)
5.6
(0.22)
7.9
(0.31)


Similar Part No. - P9_17

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P9217 HAMAMATSU-P9217 Datasheet
91Kb / 3P
PbS photoconductive detector
P9217 HAMAMATSU-P9217 Datasheet
95Kb / 3P
PbS photoconductive detector
P9217-02 HAMAMATSU-P9217-02 Datasheet
95Kb / 3P
PbS photoconductive detector
P9217-03 HAMAMATSU-P9217-03 Datasheet
95Kb / 3P
PbS photoconductive detector
P9217-04 HAMAMATSU-P9217-04 Datasheet
95Kb / 3P
PbS photoconductive detector
More results

Similar Description - P9_17

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3319 BOURNS-3319 Datasheet
109Kb / 2P
9 mm Round Trimming Potentiometer
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
9 mm Potentiometer
PTR90 BOURNS-PTR90 Datasheet
391Kb / 3P
9 mm Multi-Ganged Potentiometer w/Rotary Switch
logo
Vishay Siliconix
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
216Kb / 8P
9 mm Multi-Ganged Potentiometer
26-Nov-07
logo
Bourns Electronic Solut...
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
9 mm Multi-Ganged Potentiometer
PTR90 BOURNS-PTR90_14 Datasheet
426Kb / 3P
9 mm Multi-Ganged Potentiometer w/Rotary Switch
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
9 mm Potentiometer
PTD90 BOURNS-PTD90_14 Datasheet
505Kb / 3P
9 mm Multi-Ganged Potentiometer
PTV09A-4020F BOURNS-PTV09A-4020F Datasheet
1Mb / 5P
PTV09 Series - 9 mm Potentiometer
logo
Vishay Siliconix
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
9 mm Multi-Ganged Potentiometer
21-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com