Electronic Components Datasheet Search
  English  ▼

X  

P9 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P9
Description  9 mm Multi-Ganged Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P9 Datasheet(HTML) 2 Page - Vishay Siliconix

  P9_17 Datasheet HTML 1Page - Vishay Siliconix P9_17 Datasheet HTML 2Page - Vishay Siliconix P9_17 Datasheet HTML 3Page - Vishay Siliconix P9_17 Datasheet HTML 4Page - Vishay Siliconix P9_17 Datasheet HTML 5Page - Vishay Siliconix P9_17 Datasheet HTML 6Page - Vishay Siliconix P9_17 Datasheet HTML 7Page - Vishay Siliconix P9_17 Datasheet HTML 8Page - Vishay Siliconix P9_17 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
P9
www.vishay.com
Vishay Sfernice
Revision: 04-Jul-17
2
Document Number: 51047
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GENERAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Resistive element
Conductive plastic
Electrical travel
270° ± 10°
Power rating chart
Circuit diagram
Taper
Resistance range
Linear taper
1 k
Ω to 1 MΩ
Non-linear taper
2.2 k
Ω to 500 kΩ
Tolerance
Standard
On request
20 %
10 %
Power rating at 70 °C
Linear Taper
0.1 W
Non-Linear Taper
0.05 W
Multiple assemblies linear taper
0.05 W per module
Multiple assemblies non-linear
taper
0.025 W per module
Temperature coefficient (typical)
± 500 ppm
Limiting element voltage
10 VDC
50 VAC
End resistance (typical)
3
Ω
Contact resistance variation
Linear law (typical)
2 % of nominal resistance
Independent linearity
Linear law (typical)
± 5 %
Insulation resistance
100 M
Ω at 250 VDC
Dielectric strength
300 VAC during 1 min
Attenuation (typical)
90 dB max./0.05 dB min.
0.1
0.05
0
0
10
20 30 40 50 60
70 80 90 100 110 120 130
AMBIENT TEMPERATURE (
°C)
Linear Taper
Non Linear Taper
a
c
b
cw
(2)
(3)
(1)
R
F
S
W
L
A
90 %
50 %
20 %
10 %
Vs
%
Ve
15°
15°
Mechanical travel 300°
Electrical travel 270°
50 %



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com