Electronic Components Datasheet Search
  English  ▼

X  

P11S Datasheet(PDF) 13 Page - Vishay Siliconix

Part # P11S
Description  12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11S Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button P11S Datasheet HTML 7Page - Vishay Siliconix P11S Datasheet HTML 8Page - Vishay Siliconix P11S Datasheet HTML 9Page - Vishay Siliconix P11S Datasheet HTML 10Page - Vishay Siliconix P11S Datasheet HTML 11Page - Vishay Siliconix P11S Datasheet HTML 12Page - Vishay Siliconix P11S Datasheet HTML 13Page - Vishay Siliconix P11S Datasheet HTML 14Page - Vishay Siliconix P11S Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
P11S, P11A
www.vishay.com
Vishay Sfernice
Revision: 20-Jul-17
13
Document Number: 51031
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P11 OPTION: CENTER CURRENT TAP “J”
The extra terminal is a solder lug connected at 50 % of electrical
travel and siluated in the potentiometer module opposite the
terminals.
Center tap presents a short circuit of 11° of travel.
• Sealing IP60
ORDERING INFORMATION (First order only)
J
Center tap
P11 OPTION: SPECIAL LINEARITY - CONFORMITY
The independent linearity (conformity for the non-linear laws) is
the maximum gap
V between the actual variation curve and
the theorical variation curve the nearest to it. The linearity and
the conformity are expressed in percentage of the total applied
voltage E
They are measured over 90 % of actual electrical travel
(centered).
On request linearity can be guaranteed in linear taper.
ORDERING INFORMATION (First order only)
J123
Independent linearity ± 3 % (linear law)
J145
Independent linearity ± 2 % (linear law)
For other request, contact us.
P11 OPTION: SPECIAL INTERLINEARITY - INTERCONFORMITY
It is the maximum deviation between the actual voltage outputs
of 2 or more pot modules in the same assembly. It is expressed
as a percentage of the total applied voltage, or in dB
attenuation.
Interlinearity is measured between 2 pot modules, over 20 to
90 % of the attenuation.
The interlinearity or interconformity is expressed as a
percentage of the total applied voltage:
Or in decibels by comparison between outputs V1 and V2
ORDERING INFORMATION (First order only)
J44
Interlinearity ± 2 % (linear taper)
For other request, contact us.
100 %
50 %
0 %
11°
J
V
E
V
Limits of
linearity test
Effective electrical travel
Degrees
linearity conformity
±
V
max.
E
-----------------------
=
J123
V
E
C
V1
V2
Limits of test
Effective electrical travel
V1
V2
Degrees
I %
C
E
-------
=
I dB
20 log
V
1
V
2
------
=
J44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com