Electronic Components Datasheet Search
  English  ▼

X  

P11S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P11S
Description  12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11S Datasheet(HTML) 2 Page - Vishay Siliconix

  P11S Datasheet HTML 1Page - Vishay Siliconix P11S Datasheet HTML 2Page - Vishay Siliconix P11S Datasheet HTML 3Page - Vishay Siliconix P11S Datasheet HTML 4Page - Vishay Siliconix P11S Datasheet HTML 5Page - Vishay Siliconix P11S Datasheet HTML 6Page - Vishay Siliconix P11S Datasheet HTML 7Page - Vishay Siliconix P11S Datasheet HTML 8Page - Vishay Siliconix P11S Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
P11S, P11A
www.vishay.com
Vishay Sfernice
Revision: 20-Jul-17
2
Document Number: 51031
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GENERAL SPECIFICATIONS
Note
(1) Consult Vishay Sfernice for other ohmic values
ELECTRICAL (initial)
P11A
P11S
Resistive element
Conductive plastic
Cermet
Electrical travel
270° ± 10°
270° ± 10°
Resistance range (1)
Linear taper
1 k
 to 1 M
20
 to 10 M
Non-linear taper
470
 to 500 k
100
 to 2.2 M
Tolerance
Standard
± 20 %
± 20 %
On request
± 10 %
± 5 % or ± 10 %
Taper
Circuit diagram
Power rating at 70 °C
Linear taper
0.5 W at +70 °C
1 W at +70 °C
Non-linear taper
0.25 W at +70 °C
0.5 W at +70 °C
Multiple assemblies
0.25 W at +70 °C per module
0.5 W at +70 °C per module
Temperature coefficient (typical)
± 500 ppm
± 150 ppm
Limiting element voltage
350 V
350 V
End resistance (typical)
2
2
Contact resistance variation (typical)
Linear taper
1 %
2 % or 3
Independent linearity (typical)
Linear taper
± 5 %
± 5 %
Insulation resistance
106 M
 min.
106 M
 min.
Dielectric strength
1500 VRMS min.
1500 VRMS min.
Attenuation
90 dB max./0.05 dB min.
-
Mechanical endurance
50 000 cycles
50 000 cycles
R
F
S
W
L
A
90 %
50 %
20 %
10 %
Vs
%
Ve
Mechanical travel 300°
31°
31°
Electrical travel
with switch 238°
15°
15°
Electrical travel 270°
50 %
a
(1)
b
(2)
c
(3)
cw
130
70
60
50
40
30
20
10
0
0
1
Ambient Temperature (°C)
120
110
100
90
80
0.5
P11S Linear Taper
P11S Non-Linear Taper
P11A Linear Taper
0.25
P11A Non-Linear Taper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com