Electronic Components Datasheet Search
  English  ▼

X  

CYUSB330X Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYUSB330X
Description  HX3 USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB330X Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYUSB330X Datasheet HTML 9Page - Cypress Semiconductor CYUSB330X Datasheet HTML 10Page - Cypress Semiconductor CYUSB330X Datasheet HTML 11Page - Cypress Semiconductor CYUSB330X Datasheet HTML 12Page - Cypress Semiconductor CYUSB330X Datasheet HTML 13Page - Cypress Semiconductor CYUSB330X Datasheet HTML 14Page - Cypress Semiconductor CYUSB330X Datasheet HTML 15Page - Cypress Semiconductor CYUSB330X Datasheet HTML 16Page - Cypress Semiconductor CYUSB330X Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 13 of 43
RESERVED1
I/O
21
G4
This pin must be pulled HIGH using a 10 k
 to VDD_IO.
RESERVED2
I
22
H4
This pin must be pulled HIGH using a 10 k
 to VDD_IO.
Mode Select, Clock, and Reset
MODE_SEL[0]
I
23
G5
Device operation mode select bit 0; refer to Table 5 on page 24
MODE_SEL[1]
I
24
F4
Device operation mode select bit 1; refer to Table 5 on page 24
XTL_OUT
A
54
E6
Crystal out
XTL_IN
A
55
E5
Crystal in
RESETN
I
31
F7
Active LOW reset input
I2C_CLK
I/O
32
J6
I2C clock
I2C_DATA
I/O
33
G8
I2C data
SUSPEND
I/O
20
G3
Hub suspend status indicator. This pin is asserted if both the
SS and USB 2.0 hubs are in the suspend state and is
de-asserted when either of the hubs comes out of the suspend
state.
Power and Ground
VDD_EFUSE
PWR
19
H3
1.2 V normal operation, 2.5 V for programming. Customers
should connect to 1.2 V.
AVDD12
PWR 10, 16, 34, 46,
52, 53
A10, C9, F9,
H1, H10, J2
1.2 V analog supply
GND
PWR
40
B5, C6, D5, D7,
D9, E9, F2, G9,
H6, J1, J3, J9
GND pin
DVDD12
PWR 1, 3, 7, 13, 27,
37, 43, 49,
B10, D4, D6,
D8, E1, E10,
F5, K3, K9
1.2 V core supply
VBUS _US
PWR
17
H2
This pin must be connected to VBUS from US port
VBUS_DS
PWR
18
G2
This pin is used to power the Apple-charging circuit in HX3.
For BC v1.2 compliance testing, connect pin to GND. For
normal operation, connect pin to local 5 V supply.
AVDD33
PWR
4, 56, 61, 66 A4, A7, B6, F3 3.3 V analog supply
VDD_IO
PWR
28
B4, E7, G6
3.3 V I/O supply
USB Precision Resistors
RREF_USB2
A
2
E2
Connect pin to a precision resistor (6.04 k
±1%) to generate
a current reference for USB 2.0 PHY.
RREF_SS
A
26
H5
Connect pin to a precision resistor (200
 ±1%) for SS PHY
termination impedance calibration.
Table 2. 68-Pin QFN, 100-Ball BGA Pinout for CYUSB3302 and CYUSB3304 (continued)
Pin Name
Type 68-QFN Pin#
100-BGA
Ball #
Description
CYUSB3302 CYUSB3304
Note
4. These pins are Do Not Use (DNU); they must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com