Electronic Components Datasheet Search
  English  ▼

X  

CYUSB330X Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CYUSB330X
Description  HX3 USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB330X Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CYUSB330X Datasheet HTML 24Page - Cypress Semiconductor CYUSB330X Datasheet HTML 25Page - Cypress Semiconductor CYUSB330X Datasheet HTML 26Page - Cypress Semiconductor CYUSB330X Datasheet HTML 27Page - Cypress Semiconductor CYUSB330X Datasheet HTML 28Page - Cypress Semiconductor CYUSB330X Datasheet HTML 29Page - Cypress Semiconductor CYUSB330X Datasheet HTML 30Page - Cypress Semiconductor CYUSB330X Datasheet HTML 31Page - Cypress Semiconductor CYUSB330X Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 28 of 43
16
7
SUSPEND_INDICATOR_DISABLE
0
0: Suspend indicator enabled
1: Suspend indicator disabled
6
SS_US_DISABLE
0
Hub mode of operation (USB 3.0 or USB 2.0)
0: USB 3.0 hub and USB 2.0 hub enabled
1: USB 3.0 hub disabled and USB 2.0 hub enabled
5
PWR_EN_POLARITY
0
Power switch control output polarity
0: Active LOW
1: Active HIGH
4:0 PORT_POLARITY
b’00000 USB 2.0 DP and DM swapped
bit[4:0]=DS4, DS3, DS2, DS1, US
1: Port polarity swapped
0: Port polarity not swapped
17
7:5 Reserved
0
Reserved
4
BC_ENABLE
1
0: BC v1.2 disabled
1: BC v1.2 enabled
3
ACA_DOCK
0
If this bit is set, enable ACA-Dock on the US port
2
APPLE_XA
0
0: Max limit for Apple charging 2.1 A
1: Max limit for Apple charging 1 A
1
Reserved
0
Reserved
0
GHOST_CHARGE_EN
1
0: Ghost Charging disabled
1: Ghost Charging enabled
18
7:4 CDP_EN[3:0]
b’1111 Per-port charging setting
bit[7:4]=DS4, DS3, DS2, DS1
0: CDP disabled
1: CDP enabled
3:0 DCP_EN[3:0]
b’0000 Per-port charging setting
bit[3:0]=DS4, DS3, DS2, DS1
0: DCP disabled
1: DCP enabled
19
7
EMBEDDED_HUB
0
If this bit is set, the US is as an embedded port and VBUS
connected to VBUS_US pin is ignored.
6
ILLEGAL_DESCRIPTOR
1
If this bit is set, the USB 2.0 hub controller will accept both 0x00
and 0x29 as valid descriptor types. If '0', only 0x29 will be
accepted as a valid descriptor type.
5
Reserved
1
Reserved
4
OC_POLARITY
0
Overcurrent input polarity
0: Active LOW
1: Active HIGH
3:0 OC_TIMER
b’1000 Time in milliseconds for which the overcurrent inputs will be
filtered
20
7:0 Reserved
0
Reserved
21
7:4 Reserved
0
Reserved
3
STRING_DESCRIPTOR_ENABLE[16]
0
0: String descriptor support is disabled
1: String descriptor support is enabled
When string descriptors are not supported, the hub controller
returns a non-zero index (compile-time programmable) for each
string which is supported, and 0x00 for each string not
supported, as indicated by this field.
2:0 Reserved
0
Reserved
22
7:0 Reserved
0
Reserved
Note
16. When the string descriptor supports LangID, Manufacturer, Product and Serial Number, the serial number must be unique for each device.
Table 7. EEPROM Map (continued)
I2C Offset Bits
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com